データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LSRFSBKS3392-R1

  • AI
    Based on the part number provided (**LSRFSBKS3392-R1**), this appears to be a specific manufacturer-coded assembly, likely related to **Bluetooth Low Energy (BLE)** modules or RF (Radio Frequency) sensor components, often associated with brands like Laird Connectivity or specialized electronic manufacturing services. Below is a breakdown of the typical electronic components and characteristics associated with this class of RF hardware. --- ## 1. Core Component Specifications The "R1" suffix typically denotes a specific hardware revision. These boards are usually designed for IoT (Internet of Things) integration. | Component Category | Typical Specification | Function | |:---|:---|:---| | **Microcontroller (MCU)** | ARM Cortex-M4 or M33 | Handles application logic and protocol stacks. | | **Radio SoC** | Nordic nRF series or equivalent | Provides 2.4GHz RF communication (BLE/Zigbee). | | **Flash Memory** | 512KB - 1MB | Stores firmware and User Data. | | **RAM** | 64KB - 128KB | Used for runtime operations. | --- ## 2. RF & Wireless Characteristics The electronic design is centered around signal integrity and power efficiency. * **Frequency Band:** 2.4 GHz ISM Band. * **Antenna Options:** * **Trace Antenna:** Integrated into the PCB for space-saving. * **U.FL Connector:** For attaching an external high-gain antenna. * **Modulation:** GFSK (Gaussian Frequency Shift Keying) for Bluetooth communications. * **Sensitivity:** Typically around -90 to -96 dBm. --- ## 3. Physical Interface and I/O The "Electronic Parts" include the physical pins or pads used to interface with a carrier board: ### Connectivity Map 1. **UART (Universal Asynchronous Receiver-Transmitter):** Used for AT commands or serial data transfer. 2. **I2C / SPI:** For connecting external sensors (accelerometers, temperature sensors). 3. **GPIO (General Purpose I/O):** For controlling LEDs, buttons, or relays. 4. **ADC (Analog to Digital Converter):** For reading analog voltages from sensors. --- ## 4. Power Management Section This part of the circuit ensures the module can run on small batteries (like CR2032 coin cells). * **LDO / DC-DC Converter:** Regulates input voltage (usually 1.8V to 3.6V). * **Sleep Modes:** Deep sleep currents are often in the micro-amp ($\mu A$) range to preserve battery life. * **Decoupling Capacitors:** Small SMD capacitors (0402 or 0201 size) placed near the power pins to filter noise. --- ## 5. Typical Applications Given the nature of the LSRFS series, these parts are commonly found in: * **Asset Tracking:** Bluetooth beacons. * **Medical Devices:** Low-power heart rate or glucose monitors. * **Industrial Lighting:** Wireless control modules for LED drivers. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact manufacturer for the LSRFSBKS3392-R1 part number?
    • ⤷ How do I interface with this module using a microcontroller like Arduino?
    • ⤷ What are the power consumption specs for this part in deep sleep mode?