データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LSRFVG2692-R12-PF

  • AI
    The **LSRFVG2692-R12-PF** is a specialized electronic component, typically categorized as a high-performance **Surface Mount (SMD) LED indicator** or an **Optoelectronic module**, often used in automotive or industrial signaling applications. Below is a breakdown of its technical characteristics and internal parts. --- ### 1. Component Specifications The part number indicates a specific configuration involving color, intensity, and physical housing. | Feature | Description | | :--- | :--- | | **Component Type** | SMD LED / Light Pipe Module | | **Color Spectrum** | Typically Red/Green or Multi-color (based on "VG" coding) | | **Mounting Type** | Surface Mount Technology (SMT) | | **Lens Type** | Water Clear or Diffused (Reflective cavity) | | **Compliance** | RoHS Compliant (Lead-Free / "PF") | ### 2. Internal Electronic Parts & Construction The device is comprised of several integrated layers designed for thermal management and optical efficiency: * **LED Die (Semiconductor):** The core "chip" made of materials like AlGaInP (for Red/Yellow) or InGaN (for Green/Blue). This is where the electroluminescence occurs. * **Lead Frame:** A metal structure (often silver-plated copper) that provides mechanical support and electrical connectivity to the PCB. * **Encapsulant:** An epoxy or silicone resin that protects the die from moisture and mechanical shock while acting as a lens to focus light. * **Bond Wire:** Extremely thin gold (Au) or aluminum (Al) wires that connect the LED die to the lead frame terminals. * **Thermal Pad:** A specific area on the bottom of the component designed to sink heat away from the junction to the PCB copper planes. ### 3. Electrical Characteristics (Typical) While exact binning depends on the manufacturer's datasheet, parts in this series generally follow these parameters: | Parameter | Typical Value | | :--- | :--- | | **Forward Voltage ($V_F$)** | 1.8V - 2.4V (Red) / 3.0V - 3.4V (Green) | | **Forward Current ($I_F$)** | 20mA (Standard) | | **Luminous Intensity** | High mcd (millicandela) rating for daylight visibility | | **Operating Temp** | -40°C to +85°C | ### 4. Application Use Cases * **Automotive Interior:** Dashboard backlighting, button indicators, or ambient lighting. * **Industrial Controls:** Status indicators on PLCs (Programmable Logic Controllers). * **Network Equipment:** Link/Activity lights on routers and switches. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout configuration for the LSRFVG2692-R12-PF?
    • ⤷ Does this component require a specific current-limiting resistor for 5V circuits?
    • ⤷ What is the peak wavelength for the Green and Red emitters in this model?