データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LSW-1008-R12F-T

  • AI
    The **LSW-1008-R12F-T** is a surface-mount (SMD) wire-wound chip inductor. It is commonly used in high-frequency circuits, telecommunications, and power management modules where high reliability and precision are required. Below is a detailed breakdown of its electronic components and specifications. --- ## 1. Technical Specifications The part number follows a standard coding convention used by manufacturers like **Laird** or **Chilisin**. | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.12 µH (120 nH) | | **Tolerance** | ±1% (denoted by 'F') | | **Package Size** | 1008 (2.5 mm × 2.0 mm) | | **Core Material** | Ceramic (High Frequency) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Operating Temperature** | -40°C to +125°C | --- ## 2. Part Number Breakdown Understanding the suffix and prefix helps in identifying the specific performance characteristics: * **LSW**: Series code (typically Wire-wound Surface mount). * **1008**: Physical dimensions (Length 0.10" x Width 0.08"). * **R12**: Inductance value ($R = \text{decimal point}$). R12 represents $0.12 \mu H$. * **F**: Tolerance code. F stands for $\pm 1\%$, which is considered high precision. * **T**: Packaging style (usually stands for Tape & Reel). --- ## 3. Key Electronic Characteristics ### A. Wire-Wound Construction Unlike multilayer inductors, this part uses a fine copper wire wound around a ceramic core. * **Advantage:** Provides a much higher **Q-factor** (Quality Factor) and lower **DCR** (DC Resistance). * **Result:** Better efficiency and sharper resonance in RF circuits. ### B. High Self-Resonant Frequency (SRF) Because the core is ceramic, the parasitic capacitance is kept to a minimum. This allows the inductor to operate at very high frequencies (into the GHz range) before it begins to behave like a capacitor. ### C. Precision Tolerance The **±1% tolerance** is critical for: 1. **Impedance Matching:** Used in antenna circuits to ensure maximum power transfer. 2. **Filter Networks:** Ensuring the "cutoff" frequency is exact. --- ## 4. Typical Applications * **RF Modules:** Bluetooth, Wi-Fi, and cellular infrastructure. * **Broadband Equipment:** Modems and routers. * **Precision Sensors:** Where signal integrity is paramount. * **VCOs:** Voltage Controlled Oscillators requiring stable inductance. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum rated current for the LSW-1008 series?
    • ⤷ How does a ceramic core compare to a ferrite core in 1008 inductors?
    • ⤷ What are the common alternatives if the 1% tolerance version is unavailable?