データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LT1371

  • AI
    The **LT1371** is a high-power monolithic switching regulator manufactured by Linear Technology (now part of Analog Devices). It is specifically designed for high-efficiency power conversion in various topologies. --- ## 1. Core Specifications The LT1371 is known for its high integration, combining a control circuit and a high-current power switch on a single chip. | Parameter | Value | | :--- | :--- | | **Input Voltage Range** | 2.7V to 30V | | **Switching Frequency** | 500 kHz (Fixed) | | **Internal Switch Current** | 3A (Peak) | | **Shutdown Current** | 12µA (Typical) | | **Package Options** | TO-220, DD-Pak, SO-8 (LT1371HV) | --- ## 2. Key Internal Electronic Components The internal architecture of the LT1371 consists of several critical functional blocks: ### A. Power Switch The chip features a **3A NPN bipolar transistor**. Because it uses a high-speed bipolar process, it achieves low saturation voltage, which minimizes power loss during the "on" state. ### B. Oscillator (500 kHz) The fixed 500 kHz frequency allows for the use of small surface-mount inductors and capacitors. It also includes a **Synchronization pin (SYNC)**, allowing the internal oscillator to be locked to an external clock for noise-sensitive applications. ### C. Feedback and Error Amplifier The device uses a **Current Mode** control architecture. This provides: * Excellent line and load regulation. * Pulse-by-pulse current limiting for short-circuit protection. * Easier frequency compensation compared to voltage-mode regulators. ### D. Protection Circuitry * **Thermal Shutdown:** Automatically turns off the switch if the die temperature exceeds safe limits. * **Current Limiting:** Protects the internal power NPN switch from overcurrent conditions. --- ## 3. Supported Topologies Because the LT1371 is a "floating" switch regulator (the collector is open), it is highly versatile. | Topology | Description | | :--- | :--- | | **Boost** | Steps up a low input voltage to a higher output voltage. | | **Flyback** | Uses a transformer for isolated power delivery. | | **SEPIC** | Allows the output voltage to be higher or lower than the input. | | **Inverting** | Converts a positive input voltage to a negative output voltage. | --- ## 4. Typical Application Circuit (Boost Converter) ```mermaid graph LR Vin[Input Voltage] --> L1[Inductor] L1 --> SW[LT1371 SW Pin] SW --> D1[Schottky Diode] D1 --> Vout[Output Voltage] Vout --> FB[Feedback Resistor Divider] FB --> LT_FB[LT1371 FB Pin] ``` --- ## 5. Important Pins to Note * **VC (Compensation):** Used for frequency compensation of the error amplifier. Usually, an RC network is connected here. * **S/S (Shutdown/Sync):** Dual function pin. Pulling it low shuts down the chip. Applying a logic-level clock synchronizes the switching frequency. * **FB (Feedback):** The regulated voltage is sensed here (referenced to 1.245V).
    ✨ Follow-up Questions
    • What are the differences between the standard LT1371 and the LT1371HV version?
    • How do you calculate the feedback resistors for a specific output voltage?
    • What type of inductor is recommended for a 500kHz switching frequency?