データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LT1880IS5

  • AI
    ## Overview of the LT1880IS5 The **LT1880IS5** is a high-precision, rail-to-rail output operational amplifier (op-amp) manufactured by Linear Technology (now part of Analog Devices). It is specifically designed for applications requiring low offset voltage, low noise, and low power consumption in a compact footprint. --- ### 1. Key Technical Specifications | Parameter | Value | | :--- | :--- | | **Package Type** | SOT-23-5 (ThinSOT) | | **Supply Voltage Range** | 2.7V to 36V (Single) / ±1.35V to ±18V (Dual) | | **Offset Voltage (Max)** | 50 µV | | **Input Bias Current (Max)** | 900 pA | | **Gain Bandwidth Product** | 1.1 MHz | | **Slew Rate** | 0.4 V/µs | | **Supply Current** | 850 µA per amplifier | --- ### 2. Pin Configuration (SOT-23-5) The LT1880IS5 uses a standard 5-pin layout: 1. **OUT**: Output of the amplifier. 2. **V-**: Negative power supply (or Ground for single-supply). 3. **+IN**: Non-inverting input. 4. **-IN**: Inverting input. 5. **V+**: Positive power supply. --- ### 3. Core Features * **Precision Performance:** With a maximum offset voltage of 50 µV, it is ideal for high-accuracy sensor signal conditioning. * **Rail-to-Rail Output:** The output can swing very close to the supply rails, maximizing dynamic range, especially in low-voltage systems. * **High Supply Range:** Unlike many precision op-amps limited to 5V or 12V, the LT1880 supports up to 36V, making it versatile for industrial 24V systems. * **Low Noise:** Optimized for low-frequency applications where flicker noise ($1/f$) and thermal noise must be minimized. --- ### 4. Typical Applications * **Photodiode Amplifiers:** Due to its low input bias current. * **Bridge Sensor Interfaces:** Excellent for strain gauges and pressure sensors. * **Precision Voltage Regulators:** Used in feedback loops for high stability. * **Battery Powered Instrumentation:** Low current draw extends battery life. --- ### 5. Design Considerations ```cpp // Example: Calculating Gain for a Non-Inverting Configuration // Formula: Vout = Vin * (1 + R2 / R1) double R1 = 10000.0; // 10k Ohms double R2 = 90000.0; // 90k Ohms double Gain = 1 + (R2 / R1); // Gain = 10 ``` * **Bypass Capacitors:** Always place a 0.1µF ceramic capacitor as close as possible to the $V+$ pin to filter high-frequency noise. * **Thermal Drift:** Ensure the PCB layout minimizes thermal gradients near the input pins to maintain the low offset voltage.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the LT1880 and the LT1001?
    • ⤷ How does the rail-to-rail output benefit low-voltage ADC interfacing?
    • ⤷ Can the LT1880 be used in high-speed signal processing?