LT1959
AI

## Overview of the LT1959
The **LT1959** is a high-frequency, monolithic step-down (buck) switching regulator manufactured by Analog Devices (formerly Linear Technology). It is designed to provide high efficiency and high power density in a small footprint.
### Key Specifications
| Parameter | Value |
| :--- | :--- |
| **Input Voltage Range** | 4.3V to 15V |
| **Switching Frequency** | 500 kHz |
| **Max Output Current** | 4.5A |
| **Internal Switch Resistance** | 0.07Ω |
| **Shutdown Current** | 15µA (typical) |
| **Feedback Voltage** | 1.21V |
---
### Internal Electronic Architecture
The device integrates several critical components into a single silicon die, which simplifies the external circuit design:
1. **High-Current Power Switch:** Unlike many regulators that use external MOSFETs, the LT1959 includes an internal **4.5A switch**. Its low resistance (70mΩ) minimizes heat dissipation.
2. **Oscillator (500 kHz):** The high switching frequency allows for the use of smaller inductors and capacitors, which saves PCB space.
3. **Control Logic:** It uses a **Current Mode Architecture**. This provides excellent line and load regulation and makes the loop compensation easier to manage.
4. **Sync Pin:** This pin allows the internal oscillator to be synchronized to an external clock frequency, reducing electromagnetic interference (EMI) in sensitive systems.
---
### Basic Application Circuit Components
To build a functional power supply with the LT1959, you typically need the following external parts:
* **Inductor ($L_1$):** Usually between $2.2\mu H$ and $10\mu H$. It stores energy during the "on" cycle.
* **Catch Diode ($D_1$):** A Schottky diode is required to provide a path for the inductor current when the internal switch is off.
* **Input/Output Capacitors:** High-quality ceramic or tantalum capacitors are needed to filter voltage ripple.
* **Feedback Resistors ($R_1, R_2$):** These set the output voltage based on the formula:
`Vout = 1.21 * (1 + R1 / R2)`
---
### Pin Configuration
| Pin Name | Function |
| :--- | :--- |
| **VIN** | Supply voltage for the internal control circuitry and power switch. |
| **SW** | The emitter of the internal NPN power switch. Connects to the inductor. |
| **FB** | Feedback pin that monitors the output voltage. |
| **VC** | Compensation pin for error amplifier output. |
| **BOOST** | Used to provide a drive voltage higher than the input to fully turn on the NPN switch. |
| **SYNC** | Allows synchronization to an external clock. |
- ⤷
What are the main differences between the LT1959 and the LT1074?
- ⤷ How do you calculate the boost capacitor value for the LT1959?
- ⤷ What are the thermal considerations for running the LT1959 at its maximum 4.5A current?