データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LTC1663

  • AI
    The **LTC1663** is a low-power, 10-bit voltage output **Digital-to-Analog Converter (DAC)** that communicates via a 2-wire I2C-compatible interface. It is primarily used in battery-powered applications due to its small footprint and low current consumption. --- ### 1. Key Technical Specifications | Parameter | Specification | |:---|:---| | **Resolution** | 10-Bit | | **Interface** | I2C (2-Wire) | | **Supply Voltage ($V_{CC}$)** | 2.7V to 5.5V | | **Supply Current** | 60µA (Typ) / 10µA (Sleep Mode) | | **Output Type** | Rail-to-Rail Voltage | | **DNL / INL** | ±0.75 LSB (Max) / ±3 LSB (Max) | | **Package Options** | SOT-23 (5-lead or 8-lead), MSOP-8 | --- ### 2. Functional Pinout (SOT-23-5) 1. **SCL (Serial Clock):** The clock input for the I2C interface. 2. **SDA (Serial Data):** The bidirectional data line for transferring digital values. 3. **$V_{CC}$:** Power supply input. 4. **GND:** System ground. 5. **$V_{OUT}$:** The analog voltage output proportional to the digital input code. --- ### 3. Core Features #### A. I2C Interface & Addressing The LTC1663 operates as a slave device. It supports **Standard**, **Fast**, and **High-Speed** (up to 3.4MHz) I2C modes. * The 8-lead version offers selectable address pins ($AD0, AD1$), allowing multiple DACs to reside on the same bus. * The 5-lead SOT-23 version has a fixed internal address. #### B. Internal Reference The device includes an internal reference voltage (typically 2.5V). This allows for a predictable output voltage regardless of minor fluctuations in the $V_{CC}$ supply. * **Output Formula:** $V_{OUT} = V_{REF} \times (\frac{DIN}{1024})$ #### C. Power Management One of the standout electronic features is the **Power-On Reset (POR)** circuit, which ensures the DAC starts at zero scale. It also features a "Sleep Mode" which reduces current draw to roughly 10µA, making it ideal for remote or handheld sensors. --- ### 4. Typical Application Circuit To integrate the LTC1663, you typically need pull-up resistors on the I2C lines and a decoupling capacitor on the power supply. ```cpp // Example: Concept logic for sending a value to LTC1663 void writeToDAC(uint16_t value) { Wire.beginTransmission(LTC1663_ADDR); Wire.write(0x00); // Command Byte (Update DAC) Wire.write((value >> 2) & 0xFF); // MSB (Upper 8 bits) Wire.write((value << 6) & 0xC0); // LSB (Lower 2 bits) Wire.endTransmission(); } ``` --- ### 5. Common Use Cases * **Industrial Process Control:** Precise offset and gain adjustment. * **Battery Instruments:** Low power consumption extends battery life. * **Communication Systems:** Digitally controlled calibration and tuning. * **Automated Test Equipment (ATE):** Compact voltage sourcing.
    ✨ Follow-up Questions
    • How does the LTC1663 differ from the LTC1669?
    • What are the advantages of using the High-Speed I2C mode in this DAC?
    • How do you calculate the exact output voltage if VCC is 3.3V?