データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LTC1663-1CS5

  • AI
    ### LTC1663-1CS5: Technical Overview The **LTC1663-1CS5** is a high-performance, micropower, 8-bit digital-to-analog converter (DAC) that communicates via a 2-wire SMBus/I²C interface. It is particularly noted for its extremely small footprint and low power consumption. --- ### Key Specifications | Parameter | Specification | | :--- | :--- | | **Resolution** | 8-Bit | | **Interface** | 2-Wire (I²C / SMBus Compatible) | | **Supply Voltage Range** | 2.7V to 5.5V | | **Supply Current** | 60µA (Typical) | | **Sleep Mode Current** | 10µA (Maximum) | | **Package Type** | SOT-23 (5-Lead) | | **Output Type** | Rail-to-Rail Voltage Output | --- ### Core Components & Architecture #### 1. Digital Interface (I²C/SMBus) The LTC1663 uses a standard 2-wire interface consisting of **SCL** (Serial Clock) and **SDA** (Serial Data). It supports a "Quick Command" format, which allows the DAC to be updated with a single byte, reducing bus overhead. #### 2. Internal Reference The device includes an internal bandgap reference. The output voltage is scaled relative to this reference, ensuring stability over temperature and supply voltage variations. #### 3. Rail-to-Rail Buffer Amplifier To drive external loads, the LTC1663 features an integrated buffer amplifier. This allows the output voltage to swing from 0V to the supply voltage ($V_{CC}$), providing a wide dynamic range. #### 4. Power-On Reset (POR) The chip includes internal circuitry that ensures the DAC output starts at 0V (zero-scale) when power is first applied, preventing unpredictable behavior during system boot-up. --- ### Pin Configuration (SOT-23-5) | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | **Vout** | DAC Analog Voltage Output | | 2 | **GND** | Ground | | 3 | **SCL** | Serial Clock Input | | 4 | **SDA** | Serial Data Input/Output | | 5 | **Vcc** | Positive Supply Voltage (2.7V - 5.5V) | --- ### Typical Application Circuit The circuit below represents a standard implementation using the I²C bus with pull-up resistors. ```text Vcc (3.3V/5V) | [R] Pull-ups (4.7k) |-------|-------| | | | MCU SDA --------*-------|--- SDA (Pin 4) MCU SCL ----------------*--- SCL (Pin 3) | [LTC1663] |--- Vout (Pin 1) --> Analog Signal |--- GND (Pin 2) ``` --- ### Common Use Cases * **Digital Calibration:** Adjusting offsets or gain in analog signal chains. * **Industrial Control:** Providing setpoints for motor controllers or heaters. * **Battery Powered Tools:** Due to the 10µA sleep mode, it is ideal for portable electronics. * **Programmable Voltage Sources:** Small-scale power management tasks.
    ✨ Follow-up Questions
    • ⤷ What is the maximum I2C bus speed supported by the LTC1663?
    • ⤷ How do I calculate the output voltage based on the 8-bit input code?
    • ⤷ Does the LTC1663 allow for different I2C slave addresses?