データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LTC1663C

  • AI
    The **LTC1663C** is a low-power, 10-bit digital-to-analog converter (DAC) that communicates over a 2-wire SMBus/I2C interface. It is specifically designed for applications requiring high precision and low power consumption in a small form factor. --- ### ## Core Technical Specifications | Feature | Specification | | :--- | :--- | | **Resolution** | 10-Bit | | **Interface** | I2C / SMBus Compatible | | **Supply Voltage Range** | 2.7V to 5.5V | | **Supply Current** | 60µA (Typical) | | **Sleep Mode Current** | 10µA (Maximum) | | **Output Type** | Rail-to-Rail Voltage Output | | **Package Options** | SOT-23 (5-lead) or MSOP (8-lead) | --- ### ### Key Electronic Components & Functions 1. **Resistor String Architecture**: The internal DAC uses a resistor string to ensure monotonicity. This guarantees that the output voltage will always increase or stay the same as the digital input code increases, which is critical for control loops. 2. **Internal Reference & Buffer**: The LTC1663 includes an internal reference, though some variants allow for an external reference. It also features a high-performance output buffer amplifier that allows the output to swing from 0V to the supply voltage ($V_{CC}$). 3. **Digital Interface (SDA/SCL)**: * **SDA (Serial Data)**: Bi-directional pin for data transfer. * **SCL (Serial Clock)**: Input for the clock signal. * The device supports "Standard" (100kHz) and "Fast" (400kHz) I2C modes. 4. **Power-On Reset (POR)**: The chip includes an internal POR circuit that initializes the DAC output to 0V (or mid-scale depending on the specific model variant) when power is first applied. --- ### ### Typical Application Circuit In a standard configuration, the LTC1663 requires minimal external components. ```c // Example Pseudocode for I2C Communication void write_LTC1663(uint16_t digital_value) { I2C_Start(); I2C_Send_Address(0x20); // Default 7-bit address I2C_Send_Command(0x00); // Send Write Command I2C_Send_Data_MSB(digital_value >> 2); // Send top 8 bits I2C_Send_Data_LSB(digital_value << 6); // Send remaining 2 bits I2C_Stop(); } ``` --- ### ### Common Use Cases * **Industrial Process Control**: Setting trim values or offsets. * **Battery-Powered Instruments**: Due to its extremely low "Sleep" mode current. * **Digital Calibration**: Replacing mechanical potentiometers for automated tuning.
    ✨ Follow-up Questions
    • ⤷ How do you address multiple LTC1663 devices on the same I2C bus?
    • ⤷ What are the primary differences between the LTC1663 and LTC1669?
    • ⤷ Can the LTC1663 be used with a 1.8V logic microcontroller?