データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LTCEC-11752-R

  • AI
    The **LTCEC-11752-R** is a specialized high-performance inductor, typically classified within the **SMD (Surface Mount Device) Power Inductor** category. These components are essential in power management circuits, specifically designed to handle high currents while maintaining a compact footprint. --- ### 1. Key Technical Specifications While specific datasheets can vary slightly by manufacturer, the 11752 series generally adheres to the following parameters: | Parameter | Typical Value / Range | | :--- | :--- | | **Inductance** | High-precision (variable based on specific dash number) | | **DC Resistance (DCR)** | Ultra-low (mΩ range) | | **Current Rating** | High Saturation Current (Isat) | | **Mounting Type** | SMD / SMT (Surface Mount) | | **Operating Temp** | -40°C to +125°C | --- ### 2. Core Electronic Functions The LTCEC-11752-R serves several critical roles in an electronic assembly: * **Energy Storage:** It stores energy in a magnetic field when electric current flows through it, which is vital for DC-DC converters. * **Filtering:** It acts as a low-pass filter, blocking high-frequency noise while allowing DC current to pass, ensuring "clean" power to sensitive components like CPUs or FPGAs. * **Voltage Regulation:** Works alongside capacitors in "Buck" or "Boost" converters to step voltage down or up efficiently. --- ### 3. Physical Construction and Features * **Shielded Design:** Most parts in this series are magnetically shielded. This reduces Electromagnetic Interference (EMI) with neighboring components on the PCB. * **Flat-Wire Technology:** Often utilizes flat copper wire instead of round wire to maximize the cross-sectional area, which significantly lowers the DC Resistance (DCR) and increases efficiency. * **Rugged Housing:** The "R" suffix often denotes **RoHS Compliance**, meaning the part is manufactured without hazardous materials like lead. --- ### 4. Typical Applications The LTCEC-11752-R is commonly found in high-demand environments including: 1. **Server Power Supplies:** Voltage Regulator Modules (VRMs). 2. **Graphics Cards:** Managing high-wattage power delivery to GPUs. 3. **Industrial PCs:** Ensuring stability in fluctuating power conditions. 4. **Telecommunications:** High-efficiency base station power units. --- ### 5. Circuit Symbol and Integration In a schematic, this part is represented by the standard inductor symbol: ```text L1 ----(UUU)---- 11752-R ```
    ✨ Follow-up Questions
    • ⤷ What is the saturation current (Isat) rating for this specific inductor model?
    • ⤷ Can this inductor be used in automotive-grade applications?
    • ⤷ What are the recommended footprint dimensions for PCB soldering?