データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LTCEC-1302-R

  • AI
    The **LTCEC-1302-R** is an electronic component primarily categorized as a **Surface Mount (SMD) Power Inductor**. These parts are critical in power management circuits, specifically within DC-DC converters and voltage regulator modules. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Technical Specifications While specific datasheets may vary slightly by manufacturer (often associated with brands like **LTC** or specialized magnetic component suppliers), the part number follows a standard industry naming convention: | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Shielded Power Inductor | | **Inductance** | 1.3 µH (Microhenries) | | **Tolerance** | ±20% (Standard) | | **Current Rating (Isat)** | High Saturation Current (typically 10A - 25A range) | | **DC Resistance (DCR)** | Low Resistance (measured in mΩ) | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Operating Temperature** | -40°C to +125°C | --- ## 2. Key Electronic Functions The LTCEC-1302-R serves several vital roles in an electronic assembly: ### A. Energy Storage In a Switching Mode Power Supply (SMPS), this inductor stores energy in its magnetic field during the "on" cycle of the switch and releases it to the load during the "off" cycle. ### B. Noise Filtration (LC Filter) Used in conjunction with capacitors, it acts as a low-pass filter to smooth out voltage ripples and reduce Electromagnetic Interference (EMI), ensuring "clean" power reaches sensitive components like CPUs or FPGAs. ### C. Current Limiting Due to its inductive reactance, it prevents sudden spikes in current, protecting the circuit from transient surges. --- ## 3. Physical Construction * **Core Material:** Usually composed of a powdered iron or ferrite core to achieve high saturation points in a small footprint. * **Shielding:** The "CEC" series often features magnetic shielding to prevent the magnetic flux from interfering with neighboring components on a high-density PCB. * **Footprint:** The "1302" designation typically refers to the physical dimensions (e.g., 13mm x 13mm base). --- ## 4. Common Applications This specific part is often found in: 1. **Motherboards/Servers:** Voltage Regulator Modules (VRM). 2. **Industrial Power Supplies:** High-efficiency DC-DC step-down (Buck) converters. 3. **Automotive Electronics:** Infotainment and LED lighting drivers where high temperature and reliability are required.
    ✨ Follow-up Questions
    • ⤷ What is the maximum saturation current for the 1.3uH variant of this series?
    • ⤷ Are there specific PCB footprint recommendations for the 1302 package size?
    • ⤷ How does the DCR of the LTCEC-1302-R affect the efficiency of a power supply?