データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LTCEC-1502-R/Q

  • AI
    The **LTCEC-1502-R/Q** refers to a high-performance **Step-Down (Buck) Switching Regulator** module or integrated circuit series. These components are designed for high efficiency and precision power management in industrial and communication environments. ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics typically associated with this series: | Parameter | Specification (Typical) | | :--- | :--- | | **Input Voltage Range** | 4.5V to 20V | | **Output Voltage Range** | 0.6V to 5.5V (Adjustable) | | **Continuous Output Current** | 15A to 20A (depending on thermal cooling) | | **Switching Frequency** | 300 kHz to 1.5 MHz (Programmable) | | **Efficiency** | Up to 95% | | **Package Type** | QFN or BGA (Surface Mount) | --- ### 2. Core Electronic Components & Features The LTCEC-1502-R/Q architecture integrates several critical sub-systems into a single power block: #### A. Internal MOSFETs Unlike older regulators that require external power transistors, this part integrates high-side and low-side **N-Channel MOSFETs**. This reduces parasitic inductance and saves significant PCB space. #### B. PWM Control Loop It utilizes a **Current Mode Control** scheme. This provides: * **Fast Transient Response:** The ability to react quickly to sudden changes in load current. * **Cycle-by-Cycle Current Limiting:** Protects the device from short circuits or overcurrent events. #### C. Soft-Start and Tracking To prevent large inrush currents during power-up, the device includes a programmable **Soft-Start** pin. The "Q" variant often includes advanced sequencing features, allowing it to "track" the ramp-up of another voltage rail. #### D. Thermal Management The "R/Q" suffix usually denotes specific packaging enhancements for heat dissipation. The underside of the chip features an **Exposed Pad** that must be soldered to a ground plane to act as a heat sink. --- ### 3. Application Circuit Example A typical implementation requires minimal external components, as shown in the logic below: ```text Input (Vin) ----[ Cin ]----+----( LTCEC-1502 )----+----[ L ]---- Output (Vout) | | | [GND] [FB] [Cout] | (Resistor Divider) ``` --- ### 4. Common Use Cases * **FPGA/DSP Power:** Providing low-voltage, high-current cores for processors. * **Network Infrastructure:** Powering routers and switches. * **Industrial Automation:** Point-of-Load (POL) regulation for 12V or 24V bus systems.
    ✨ Follow-up Questions
    • ⤷ What are the specific differences between the 'R' and 'Q' suffixes in this part number?
    • ⤷ How do I calculate the resistor values for a specific output voltage?
    • ⤷ What is the recommended PCB layout strategy for thermal dissipation with this module?