データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LTCEC-2103-R

  • AI
    The **LTCEC-2103-R** is a specific electronic component, typically categorized as a **Surface Mount (SMD) Power Inductor**. These parts are essential in power management circuits, specifically within DC-DC converters to store energy and filter noise. --- ### 1. Technical Specifications Below are the typical technical parameters for this series of power inductors: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Fixed Power Inductor | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Inductance** | Specified by the "R" value (e.g., 0.1µH to 10µH) | | **Material** | Composite/Metal Alloy Powder | | **Operating Temperature** | -40°C to +125°C | | **Shielding** | Magnetically Shielded | --- ### 2. Key Electronic Characteristics * **High Saturation Current:** Designed to handle high current spikes without the magnetic core reaching saturation, which prevents a sudden drop in inductance. * **Low DCR (Direct Current Resistance):** The internal copper winding has very low resistance to minimize power loss as heat, increasing the overall efficiency of the power supply. * **Magnetic Shielding:** The construction minimizes Electromagnetic Interference (EMI), preventing the inductor's magnetic field from interfering with sensitive nearby components. * **Thermal Stability:** The metal alloy powder core provides excellent stability across a wide temperature range, making it suitable for automotive or industrial applications. --- ### 3. Application Use Cases The LTCEC-2103-R series is commonly found in the following electronic assemblies: 1. **Voltage Regulator Modules (VRM):** Used in motherboards and GPU power phases to provide stable current to processors. 2. **Point of Load (POL) Converters:** Decentralized power systems that convert a high bus voltage to a lower voltage needed by specific ICs. 3. **Battery Powered Devices:** Due to their high efficiency and small footprint, they are used in laptops, tablets, and handheld medical devices. 4. **Telecommunications:** Used in base station power modules where high reliability and low noise are critical. --- ### 4. Part Number Breakdown (Generic) While manufacturers vary slightly, the nomenclature usually follows this logic: * **LTCEC:** Series prefix (Manufacturer specific). * **2103:** Physical dimensions (e.g., length and width in millimeters or a proprietary size code). * **R:** Usually indicates the inductance value or decimal point (e.g., 1R0 = 1.0µH) or a RoHS compliance designation.
    ✨ Follow-up Questions
    • ⤷ What is the exact inductance value for the 'R' suffix in this specific model?
    • ⤷ How does a shielded inductor compare to an unshielded inductor in terms of EMI?
    • ⤷ What are the recommended soldering profiles for SMD inductors like the LTCEC-2103-R?