データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LTCEC-2300F-R

  • AI
    The **LTCEC-2300F-R** is a specific model within the series of high-performance components often associated with industrial automation and precision control. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Technical Overview This component is typically categorized as a **Precision Temperature Controller** or an **Industrial Electronic Module** designed for critical thermal management. ### Key Specifications | Feature | Description | | :--- | :--- | | **Input Voltage** | AC 100V – 240V (Universal Range) | | **Control Logic** | PID (Proportional-Integral-Derivative) | | **Output Type** | Relay or SSR Drive (depending on sub-configuration) | | **Sampling Rate** | High-speed sampling (approx. 100ms - 250ms) | | **Mounting Type** | DIN Rail or Panel Mount | --- ## 2. Core Electronic Parts The internal architecture of the LTCEC-2300F-R consists of several critical electronic sub-systems: ### A. Power Supply Stage * **Switching Regulator:** Converts AC mains to low-voltage DC (typically 5V or 12V) to power the internal logic. * **Filtering (EMI/RFI):** Includes capacitors and inductors to reduce electromagnetic interference, ensuring stable operation in noisy industrial environments. ### B. Microcontroller Unit (MCU) * The "brain" of the device. It processes sensor data, runs the PID algorithm, and manages the user interface (LED/LCD display). * **EEPROM/Flash Memory:** Stores user-defined parameters (setpoints, alarm limits) so they are not lost during power failure. ### C. Input/Output (I/O) Circuitry * **ADC (Analog-to-Digital Converter):** High-resolution converter for processing signals from Thermocouples (Type K, J, T) or RTDs (Pt100). * **Isolation Optocouplers:** Protects the low-voltage logic from high-voltage spikes on the output side. --- ## 3. Communication Interface The "R" suffix often denotes specific communication or relay capabilities. * **RS-485 Modbus:** Frequently used for linking the unit to a PLC (Programmable Logic Controller) or SCADA system. * **Relay Output:** Mechanical relay rated for specific currents (e.g., 3A/250VAC) for controlling heaters or fans. --- ## 4. Typical Wiring Diagram (Conceptual) ```mermaid [Power L] ----| Fuse |----> [ Internal Power Supply ] [Power N] -----------------> [ Logic Board / MCU ] | [Sensor In] ------------------> [ ADC / Signal Conditioner ] | [Output] <----[ Opto-Isolator ]--[ Relay / SSR Drive ] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific temperature sensor types supported by the LTCEC-2300F-R?
    • ⤷ How do you calibrate the PID settings for this specific model?
    • ⤷ Does this model support Modbus RTU communication for industrial IoT?