データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LTPE-1F-R

  • AI
    The **LTPE-1F-R** is an Electronic Protective Device, specifically a **Gas Discharge Tube (GDT)** or a high-voltage protector component, commonly manufactured by companies like **LittelFuse**. These components are critical for safeguarding sensitive electronics against transient voltage surges, such as lightning strikes or industrial power surges. --- ### 1. Key Technical Specifications Below are the typical parameters for the LTPE series components: | Parameter | Description | | :--- | :--- | | **Component Type** | Gas Discharge Tube (GDT) / Surge Arrestor | | **DC Spark-over Voltage** | Usually rated for high-voltage protection (varies by sub-model) | | **Impulse Discharge Current** | High capacity (often 5kA to 20kA range) | | **Capacitance** | Very Low (< 1-2 pF), ideal for high-speed data lines | | **Insulation Resistance** | > 100M Ohms | | **Mounting Type** | Radial Lead / Through-hole | --- ### 2. Functional Principles The LTPE-1F-R operates as a voltage-dependent switch: 1. **High Impedance State:** Under normal operating voltages, the gas inside the tube remains non-conductive. The part acts as an open circuit with almost zero leakage current. 2. **Ionization:** When a high-voltage spike occurs, the gas inside ionizes, becoming a low-resistance path. 3. **Crowbar Effect:** The device "crowbars" the voltage, shunting the excess current to the ground and protecting the downstream components. 4. **Reset:** Once the surge passes and the voltage drops below the "holdover" level, the gas de-ionizes and the device returns to its high-impedance state. --- ### 3. Core Applications Due to its low capacitance and high surge handling, it is commonly found in: * **Telecommunications:** Protection for ADSL, VDSL, and Ethernet lines. * **Power Supplies:** Input stage protection for AC/DC converters. * **Industrial Equipment:** Protecting PLC inputs and sensitive sensors. * **CATV/Broadband:** Ensuring signal integrity while protecting against outdoor cable surges. --- ### 4. Circuit Example (Simplified) In a typical protection circuit, the GDT is placed across the input lines or from line to ground. ```text [ Input Line ] ----+---- [ Protected Circuit ] | [ LTPE-1F-R ] | [ Ground ] --------+-------------------------- ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a GDT like the LTPE-1F-R and a TVS diode?
    • ⤷ How do I calculate the correct voltage rating for a surge protector?
    • ⤷ What are the common failure modes of Gas Discharge Tubes?