LU976N-R
AI

### Overview of the LU976N-R
The **LU976N-R** is a high-performance, fiber-coupled laser diode module. It is part of a category of components primarily used as pump sources for Erbium-Doped Fiber Amplifiers (EDFA) and fiber lasers. These modules are known for their high reliability and efficiency in telecommunications and industrial fiber applications.
---
### Technical Specifications
Below are the primary electronic and optical characteristics typically associated with the LU976N-R series:
| Parameter | Specification (Typical) | Unit |
| :--- | :--- | :--- |
| **Center Wavelength** | 974 - 976 | nm |
| **Operating Current ($I_{op}$)** | 500 - 1200 (Load Dependent) | mA |
| **Forward Voltage ($V_f$)** | 1.8 - 2.2 | V |
| **Threshold Current ($I_{th}$)** | 50 - 100 | mA |
| **Output Power ($P_o$)** | 200 - 600 | mW |
| **Fiber Type** | Single Mode (SMF) / Polarization Maintaining (PM) | - |
| **Operating Temperature** | -5 to +75 | °C |
---
### Internal Electronic Components
The LU976N-R is not just a simple diode; it is a complex module housed in a **14-pin Butterfly Package**. It contains several integrated components to ensure stability:
1. **Laser Diode Chip:** The core component that converts electrical energy into 976nm light.
2. **Thermoelectric Cooler (TEC):** An internal Peltier element used to maintain a constant temperature for the laser chip, preventing wavelength drift.
3. **Thermistor:** A temperature-sensitive resistor used to monitor the internal temperature and provide feedback to the TEC controller.
4. **Monitor Photodiode (MPD):** Measures a small portion of the laser output to provide feedback for constant power control (Automatic Power Control - APC).
5. **Fiber Bragg Grating (FBG):** Often located in the fiber pigtail to "lock" the wavelength, ensuring it stays exactly at 976nm regardless of current or temperature fluctuations.
---
### Pinout Configuration (Standard 14-Pin Butterfly)
While specific manufacturers may vary slightly, the standard electronic interface for these modules follows this logic:
| Pin # | Function | Description |
| :--- | :--- | :--- |
| 1 | TEC (+) | Positive terminal for the Cooler |
| 2 | Thermistor | Temperature sensor lead |
| 3 | Monitor PD Anode | Photodiode output for power monitoring |
| 4 | Monitor PD Cathode | Photodiode ground |
| 5 | Thermistor | Temperature sensor lead |
| 11 | Laser Cathode (-) | Main laser drive current input |
| 12 | Laser Anode (+) | Main laser drive current ground/return |
| 14 | TEC (-) | Negative terminal for the Cooler |
---
### Important Handling Considerations
* **ESD Sensitivity:** These diodes are extremely sensitive to Electrostatic Discharge. Always use grounded wrist straps.
* **Back-Reflections:** Ensure the fiber tip is clean. Reflections back into the diode can destroy the laser facet.
* **Current Regulation:** Always use a **Constant Current** driver. Voltage-spikes or over-current will cause immediate failure.
- ⤷
What are the specific requirements for a TEC controller used with this module?
- ⤷ How does the Fiber Bragg Grating (FBG) affect the spectral width of the LU976N-R?
- ⤷ Can this module be pulsed
- ⤷ or is it strictly for Continuous Wave (CW) operation?