データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LX1663CD

  • AI
    ## Overview of the LX1663CD The **LX1663CD** is a specialized Integrated Circuit (IC) designed primarily as a **PWM (Pulse Width Modulation) Controller**. It is part of the Linfinity (now Microsemi/Microchip) family of power management components, specifically engineered for high-efficiency DC-DC conversion. ### Technical Specifications The following table summarizes the key electrical and physical characteristics of the LX1663CD: | Parameter | Specification | | :--- | :--- | | **Component Type** | PWM Controller / Switching Regulator | | **Output Type** | Step-Down (Buck) | | **Input Voltage Range** | Typically 4.75V to 15V | | **Number of Outputs** | Single | | **Operating Frequency** | Adjustable (Up to 300 kHz) | | **Package Type** | SOIC-8 (Surface Mount) | | **Operating Temperature** | 0°C to +70°C (Commercial Grade) | --- ### Key Electronic Features 1. **Synchronous Rectification**: The chip supports synchronous buck topology, which improves efficiency by replacing the standard catch diode with a low-loss MOSFET. 2. **Voltage Reference**: It includes a high-precision internal reference voltage (typically around 1.25V), allowing for accurate output voltage regulation. 3. **Adjustable Frequency**: The switching frequency can be tuned via external components to balance the trade-off between efficiency and the physical size of the inductors/capacitors. 4. **Soft Start**: It features built-in soft-start circuitry to prevent high inrush currents during power-up, protecting the load and the power source. 5. **Protection Mechanisms**: Includes basic over-voltage and under-voltage protection to ensure system stability. ### Common Applications * **Microprocessor Power Supplies**: Providing low-voltage, high-current power to CPUs. * **Motherboards**: Regulation of 5V or 12V rails down to 3.3V, 2.5V, or lower. * **Network Equipment**: Used in routers and switches for stable DC-DC conversion. * **Embedded Systems**: General-purpose point-of-load (POL) regulation. ### Typical Pin Configuration (SOIC-8) While you should always consult the official datasheet, a standard PWM controller like the LX1663CD generally follows this pin logic: ```text 1. VCC - Input Supply 2. BST - Boost Pin (for High-Side Gate Drive) 3. TG - Top Gate Drive 4. GND - Ground 5. BG - Bottom Gate Drive 6. PGND - Power Ground 7. FB - Feedback Input 8. SS/DIS - Soft Start / Disable ``` ---
    ✨ Follow-up Questions
    • ⤷What are the recommended MOSFETs to use with the LX1663CD?
    • ⤷ How do I calculate the output voltage using the feedback pin?
    • ⤷ Does the LX1663CD have an industrial grade equivalent for wider temperature ranges?