データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M--1Z1-R

  • AI
    The part number **M-1Z1-R** refers to a high-performance **Fiber Optic Receiver** module, typically manufactured by companies like **RoHS** (as a compliance indicator) or specialized optics firms like **Avago (Broadcom)** or **Finisar** (under specific private labeling). These are primarily used for high-speed data communications over plastic optical fiber (POF). Below is the technical breakdown of the electronic components and specifications for this type of module. --- ### 1. Technical Specifications The M-1Z1-R is designed to convert optical signals back into electrical signals (TTL logic levels). | Feature | Specification | | :--- | :--- | | **Component Type** | Fiber Optic Receiver | | **Fiber Compatibility** | 1mm Plastic Optical Fiber (POF) | | **Data Rate** | DC up to 5 MBd (MegaBaud) | | **Supply Voltage ($V_{cc}$)** | 4.75V to 5.25V (Standard 5V) | | **Output Type** | TTL / CMOS Compatible | | **Transmission Distance** | Up to 50 meters (depending on cable quality) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Internal Electronic Architecture The module is an Integrated Circuit (IC) encapsulated in a specialized housing. It consists of three primary stages: 1. **Photodiode:** A high-speed PIN photodiode that senses incoming light pulses (usually in the 650nm red light spectrum). 2. **Transimpedance Amplifier (TIA):** Converts the small current generated by the photodiode into a usable voltage. 3. **Schmitt Trigger:** A quantization circuit that cleans up the signal, removing noise and ensuring a sharp "high" or "low" square wave output for the microcontroller or processor. --- ### 3. Pin Configuration and Connection Most modules in this series (like the Versatile Link style) follow a standard 3nd-generation pinout: | Pin Number | Function | Description | | :---: | :--- | :--- | | **1** | **$V_{cc}$** | Positive 5V power supply | | **2** | **$V_{ee}$ (GND)** | Ground connection | | **3** | **Data Out** | The electrical signal output (TTL) | | **4** | **NC / Case** | No connection or shield ground | --- ### 4. Key Applications * **Industrial Automation:** Transmitting data in high-noise environments where electrical EMI (Electromagnetic Interference) would disrupt copper wiring. * **Medical Equipment:** Providing galvanic isolation between the patient and the high-voltage power supply. * **Gaming/Audio:** Often used in digital audio interfaces (TOSLINK compatible) or arcade machine communication. * **Renewable Energy:** Control signaling in power inverters and wind turbines. --- ### 5. Implementation Example (Basic) To use this part in a circuit, you typically need a 0.1µF bypass capacitor between $V_{cc}$ and GND to filter power supply noise. ```cpp // Example: Reading data from M-1Z1-R using an Arduino const int rxPin = 2; // Connected to Pin 3 of M-1Z1-R void setup() { pinMode(rxPin, INPUT); Serial.begin(9600); } void loop() { int signal = digitalRead(rxPin); // Process the incoming optical data } ```
    ✨ Follow-up Questions
    • ⤷ What is the corresponding Transmitter part number for the M-1Z1-R?
    • ⤷ How does the M-1Z1-R handle electromagnetic interference (EMI) compared to copper?
    • ⤷ What is the maximum recommended cable length for this receiver?