データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M10-R-D

  • AI
    The **M10-R-D** refers to a high-performance GNSS (Global Navigation Satellite System) module based on the **u-blox M10** platform. This specific variant is often found in compact ceramic patch antenna form factors used extensively in drones, robotics, and automotive tracking. Below is a breakdown of the electronic components and technical specifications. --- ### 1. Core Architecture & Chipset The heart of the module is the **u-blox M10 engine**, which is designed for ultra-low power consumption without sacrificing positioning accuracy. | Feature | Specification | | :--- | :--- | | **GNSS Engine** | u-blox M10 (Concurrent reception of 4 GNSS) | | **Constellations** | GPS, GLONASS, Galileo, BeiDou | | **Update Rate** | Up to 25 Hz (Concurrent GNSS) | | **Channels** | 72-channel architecture | | **Sensitivity** | -167 dBm (Tracking & Nav) | --- ### 2. Key Electronic Sub-systems The "D" in the suffix usually denotes a design integrated with a **Digital** interface or a specific integration of discrete components on a PCB. * **LNA (Low Noise Amplifier):** Most M10-R-D modules include an integrated LNA to boost weak signals from satellites before they reach the RF front-end. * **SAW Filter:** A Surface Acoustic Wave filter is placed to block out-of-band interference (e.g., from nearby 4G/5G cellular signals). * **TCXO (Temperature Compensated Crystal Oscillator):** This provides a highly stable clock frequency, ensuring fast "Time to First Fix" (TTFF) even in extreme temperature variations. * **RTC Crystal:** A secondary 32.768 kHz crystal for lower power deep-sleep modes. --- ### 3. Electrical Characteristics These parameters are critical for hardware integration into a PCB or flight controller. | Parameter | Value | | :--- | :--- | | **Supply Voltage (VCC)** | 2.7V to 3.6V | | **Power Consumption** | ~10-15 mA (Continuous tracking) | | **Communication Protocol** | UART (Async), I2C (DDC), SPI | | **Baud Rate** | Default 9600 or 115200 bps | | **Backup Battery Port** | Supports Supercaps or CR1220 for Ephemeris storage | --- ### 4. Hardware Pinout (Typical) While physical layouts vary by manufacturer (like Matek or Holybro), the electronic interface usually follows this logic: ```yaml Pin 1: VCC (3.3V Power) Pin 2: RX (Data In - UART) Pin 3: TX (Data Out - UART) Pin 4: GND (Ground) Pin 5: SDA (I2C Data for Magnetometer/Compass) Pin 6: SCL (I2C Clock for Magnetometer/Compass) ``` --- ### 5. Advanced Features * **Super-S Positioning:** u-blox technology that improves performance in weak signal environments (urban canyons). * **Odometer:** Integrated software to calculate traveled distance via the digital interface. * **Geofencing:** Can trigger a signal if the module exits a pre-defined electronic boundary. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the M10 and the older M8 series in terms of power consumption?
    • ⤷ How do I configure the M10-R-D using u-center software?
    • ⤷ Does the M10-R-D include an integrated compass/magnetometer?