データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M13N-R

  • AI
    The **M13N-R** typically refers to a specific series of high-performance, miniature planetary gear motors, often manufactured by companies like **Nidec Copal** or similar precision motor specialists. These are widely used in robotics, medical devices, and precision instruments. Below is a breakdown of the electronic and electromechanical components of the M13N-R series. --- ### 1. Key Technical Specifications The "M13" usually denotes the 13mm diameter of the motor housing. Here are the general electronic characteristics: | Parameter | Typical Value / Description | | :--- | :--- | | **Motor Type** | DC Brushed Coreless Motor | | **Operating Voltage** | 3V to 12V DC (varies by model) | | **No-Load Current** | < 50 mA | | **Stall Current** | 300 mA - 800 mA (depending on winding) | | **Feedback System** | Optional Magnetic or Optical Encoder | | **Gear Ratio** | Varies (e.g., 1:4 to 1:1024) | --- ### 2. Core Electronic Components #### A. The Coreless Rotor Unlike standard DC motors, the "R" in high-precision series often implies a high-reliability rotor. * **Winding:** Uses a self-supporting copper coil (no iron core). * **Electronic Benefit:** This eliminates "cogging" (torque ripple), provides low inertia, and allows for extremely fast acceleration and deceleration. #### B. Commutation System * **Brushes:** Usually made of precious metal (Gold/Silver/Palladium alloys) or Carbon. * **Noise Suppression:** Many M13N-R models include internal **Varistors** or **Capacitors** soldered across the terminals to minimize Electro-Magnetic Interference (EMI) generated by the brushes. #### C. Integrated Encoder (If equipped) If the specific variant includes electronic feedback, it uses: * **Hall Effect Sensors:** Two sensors placed 90 degrees apart to provide "Quadrature" output. * **Pulse Output:** Allows a microcontroller (like an Arduino or STM32) to track position and speed. --- ### 3. Wiring and Connection The M13N-R generally features a rear PCB or terminal pins. | Pin / Terminal | Function | Description | | :--- | :--- | :--- | | **M+ / M-** | Motor Power | Direct DC input (PWM compatible) | | **VCC** | Encoder Power | Usually 3.3V or 5V | | **GND** | Ground | Common ground for logic | | **Phase A / B** | Signal | Square wave pulses for motion tracking | --- ### 4. Typical Application Circuit To control this motor electronically, a **H-Bridge** driver is required. ```python # Pseudo-code for PWM Speed Control (Arduino-style) int motorPin1 = 9; int motorPin2 = 10; void setup() { pinMode(motorPin1, OUTPUT); pinMode(motorPin2, OUTPUT); } void loop() { // Drive motor forward at 50% speed analogWrite(motorPin1, 128); digitalWrite(motorPin2, LOW); } ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a coreless and a standard iron-core motor in the M13 series?
    • ⤷ Which H-bridge motor drivers are best suited for the M13N-R's current range?
    • ⤷ How do I calculate the RPM of the M13N-R using the encoder pulses?