データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2107-AF5-R

  • AI
    The **M2107-AF5-R** is a specific electronic component manufactured by **UTC (Unisonic Technologies Co., Ltd)**. It is primarily categorized as a **Dual Operational Amplifier (Op-Amp)** designed for low-voltage and low-power applications. ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Component Type** | CMOS Dual Operational Amplifier | | **Package Type** | SOT-25 (also known as SOT-23-5) | | **Operating Voltage** | 1.8V to 5.5V | | **Gain Bandwidth Product** | 1 MHz (Typical) | | **Slew Rate** | 0.6 V/µs | | **Quiescent Current** | 60 µA per channel | | **Output Type** | Rail-to-Rail Output | --- ### 2. Features and Pinout Details The "AF5" in the part number specifically refers to the **SOT-25** package, while the "R" indicates the **Tape & Reel** packaging for automated assembly. * **Rail-to-Rail Output:** This allows the output signal to swing very close to the positive and negative power supply rails, maximizing the dynamic range of the signal. * **Low Power Consumption:** With only 60µA per channel, it is ideal for battery-operated devices. * **Unity Gain Stable:** It can be used as a buffer/voltage follower without oscillating. #### Pin Configuration (SOT-25) 1. **OUT:** Output of the amplifier. 2. **V-:** Negative power supply (GND). 3. **IN+:** Non-inverting input. 4. **IN-:** Inverting input. 5. **V+:** Positive power supply. --- ### 3. Application Use Cases Because of its small footprint and low voltage requirements, the M2107-AF5-R is commonly found in: * **Portable Medical Devices:** Blood pressure monitors and pulse oximeters. * **Sensor Interfacing:** Conditioning signals from low-power sensors before ADC conversion. * **Active Filters:** Designing low-pass or high-pass filters in audio equipment. * **Mobile Electronics:** Battery monitoring circuits and smartphones. --- ### 4. Part Number Decoding Understanding the UTC nomenclature for this part: * **M2107**: The base model (Dual CMOS Op-Amp). * **AF5**: Package code for SOT-25. * **R**: Packing code (Tape & Reel). * **G or L**: (Often appended) Indicates Halogen-free or Lead-free compliance.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts for the M2107-AF5-R?
    • ⤷ Can this op-amp be used for high-speed signal processing?
    • ⤷ What is the maximum output current for this specific component?