データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2107L-AF5-R

  • AI
    The **M2107L-AF5-R** is a specific electronic component manufactured by **UTC (Unisonic Technologies Co., Ltd.)**. It is primarily a low-dropout (LDO) linear voltage regulator or a power management IC, often used in consumer electronics for precise voltage control. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical and physical characteristics of the M2107L-AF5-R: | Feature | Specification | | :--- | :--- | | **Part Number** | M2107L-AF5-R | | **Manufacturer** | UTC (Unisonic Technologies) | | **Package Type** | SOT-25 / SOT-23-5 | | **Function** | Linear Voltage Regulator (LDO) / Power Switch | | **Output Type** | Fixed or Adjustable (Depending on sub-variant) | | **RoHS Status** | Lead-Free / Halogen Free (indicated by "L" and "R") | | **Mounting Type** | Surface Mount (SMD/SMT) | --- ### 2. Part Number Breakdown Understanding the nomenclature helps identify the specific features of the component: * **M2107**: The base series model number. * **L**: Indicates **Lead-free** (Green) plating and materials. * **AF5**: Refers to the **SOT-25** (also known as SOT-23-5) package style. * **R**: Indicates **Tape & Reel** packaging for automated assembly. --- ### 3. Functional Features The M2107 series is typically designed with the following internal protections: 1. **Low Quiescent Current:** Designed to consume very little power during standby, making it ideal for battery-operated devices. 2. **Thermal Shutdown:** Includes internal circuitry to turn off the device if it exceeds safe operating temperatures. 3. **Current Limiting:** Protects the IC and the circuit from damage during short-circuit conditions or over-current draws. 4. **Stable Operation:** Usually requires only small ceramic capacitors for stability, saving PCB space. --- ### 4. Typical Applications This component is commonly found in: * **Portable Electronics:** Mobile phones, tablets, and handheld gaming devices. * **Peripheral Power:** Providing stable voltage to sensors or microcontrollers. * **Wireless Modules:** Powering Bluetooth or Wi-Fi chips that require clean, noise-free power. --- ### 5. Pinout Configuration (Standard SOT-25) While you should always consult the official UTC datasheet, the typical pinout for an LDO in this package is: ```text Pin 1: VIN (Input Voltage) Pin 2: GND (Ground) Pin 3: EN (Enable - High to turn on) Pin 4: BP/ADJ (Bypass or Adjust) Pin 5: VOUT (Output Voltage) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum input voltage supported by the M2107L?
    • ⤷ Can this part be substituted with a standard 1117 LDO?
    • ⤷ What is the typical dropout voltage for this specific series?