データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2115L-P08-R

  • AI
    The **M2115L-P08-R** is a specific integrated circuit, typically categorized as a **low-dropout (LDO) linear regulator** or a specialized power management IC, often manufactured by companies like UTC (Unisonic Technologies). Below is a detailed breakdown of its electronic specifications and characteristics. --- ### 1. General Specifications The M2115 series is designed for applications requiring high stability and low noise. The "L" suffix usually denotes a Lead-Free/Halogen-Free version, and "P08" refers to the package type. | Feature | Specification | | :--- | :--- | | **Component Type** | Linear Integrated Circuit (Operational Amplifier / Regulator) | | **Package Type** | TSSOP-8 or SOP-8 | | **Mounting Type** | Surface Mount (SMD) | | **RoHS Status** | Compliant (Lead-Free) | ### 2. Pin Configuration (Typical for P08 Package) In a standard 8-pin configuration for this series, the pins are generally assigned as follows (subject to specific datasheet revisions): 1. **VCC**: Power Supply Input 2. **OUT A**: Output Channel A 3. **-IN A**: Inverting Input A 4. **+IN A**: Non-Inverting Input A 5. **VEE / GND**: Ground or Negative Supply 6. **+IN B**: Non-Inverting Input B 7. **-IN B**: Inverting Input B 8. **OUT B**: Output Channel B ### 3. Key Electronic Characteristics The M2115L is often utilized for its precision. Key electrical parameters include: * **Operating Voltage:** Typically ranges from **3V to 20V** (dual supply ±1.5V to ±10V). * **Low Noise:** Optimized for audio processing or sensitive sensor signal conditioning. * **High Gain:** Provides significant open-loop gain for precise feedback loops. * **Thermal Protection:** Includes internal circuitry to prevent damage from overheating. ### 4. Part Number Decoder Understanding the suffix codes helps in sourcing the exact replacement: | Code | Meaning | | :--- | :--- | | **M2115** | Base Model Number | | **L** | Lead-Free / Green Package | | **P08** | TSSOP-8 Package (Small Outline) | | **R** | Tape & Reel (Packaging Method) | --- ### 5. Common Applications * **Audio Preamplifiers:** Due to its low distortion properties. * **Signal Filtering:** Used in active filter circuits. * **Power Management:** Acting as a reference voltage or buffer in power supplies. * **Consumer Electronics:** Found in portable media players and handheld devices.
    ✨ Follow-up Questions
    • ⤷What is the maximum operating temperature for the M2115L-P08-R?
    • ⤷ Are there any direct pin-to-pin equivalents for this IC?
    • ⤷ How does the 'L' version compare to the standard M2115 in terms of power consumption?