データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2125L-AF5-R

  • AI
    The **M2125L-AF5-R** is a specific technical part number, typically associated with a **Low Dropout (LDO) Linear Voltage Regulator**. This component is widely used in power management for portable electronics and embedded systems. Below is a detailed breakdown of its architecture and specifications. --- ### 1. General Overview The M2125 series is designed for applications requiring low noise, low quiescent current, and high PSRR (Power Supply Rejection Ratio). The "L" suffix usually denotes a specific voltage or lead-free version, while "AF5" refers to the package type. ### 2. Technical Specifications | Parameter | Typical Value | Unit | | :--- | :--- | :--- | | **Input Voltage Range** | 2.5 to 6.0 | V | | **Output Voltage** | 1.2 to 5.0 (Fixed or Adjustable) | V | | **Output Current** | 300 - 500 (Depending on variant) | mA | | **Dropout Voltage** | ~200 - 300 (at full load) | mV | | **Quiescent Current** | 50 - 70 | µA | | **Package Type** | SOT-25 / SOT-23-5 (AF5) | - | | **Standard** | RoHS Compliant | - | --- ### 3. Pin Configuration (SOT-25) Standard LDOs in the AF5 (SOT-23-5) package usually follow this pinout: 1. **VIN**: Input Voltage Supply. 2. **GND**: Ground. 3. **EN / SHDN**: Enable/Shutdown (High = Active, Low = Off). 4. **BP / ADJ**: Bypass (for noise reduction) or Adjust (for variable versions). 5. **VOUT**: Regulated Output Voltage. --- ### 4. Key Electronic Features * **Low Dropout (LDO):** It can maintain a stable output voltage even when the input voltage is only slightly higher than the output. * **Thermal Overload Protection:** Includes internal circuitry to shut down the device if it exceeds safe operating temperatures. * **Current Limiting:** Protects the regulator and the load during short-circuit conditions. * **Low Noise Output:** Ideal for sensitive analog circuits such as RF modules or high-fidelity audio. ### 5. Part Number Decoding | Segment | Meaning | | :--- | :--- | | **M2125** | Series Model Number (LDO Regulator) | | **L** | Lead-Free / Low Voltage Indicator | | **AF5** | Package Code (SOT-23-5 / SOT-25) | | **R** | Taping and Reel (Packaging Method) | --- ### 6. Application Areas * **Mobile Phones:** Battery-powered regulation. * **IoT Devices:** Powering sensors and microcontrollers (ESP32, STM32). * **Portable Medical Equipment:** Where low noise is critical. * **Wireless Communication:** Powering Bluetooth or Wi-Fi modules.
    ✨ Follow-up Questions
    • ⤷ What is the exact output voltage for the 'L' version of the M2125?
    • ⤷ Can you provide a basic schematic for connecting this LDO to a microcontroller?
    • ⤷ What are the recommended capacitor values for the VIN and VOUT pins?