データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M24C01-RCT3TP/S

  • AI
    ### Overview of M24C01-RCT3TP/S The **M24C01-RCT3TP/S** is a specific variant of the M24C01 series manufactured by STMicroelectronics. It belongs to a family of I²C-compatible Electrically Erasable Programmable Read-Only Memory (EEPROM) devices. --- ### Technical Specifications Below are the primary electronic characteristics of this specific component: | Feature | Specification | | :--- | :--- | | **Memory Size** | 1 Kbit (128 x 8 bits) | | **Interface** | I²C (Inter-Integrated Circuit) | | **Operating Voltage (Vcc)** | 1.7V to 5.5V | | **Clock Frequency** | 400 kHz (Fast Mode) | | **Write Cycle Time** | 5 ms (Maximum) | | **Data Retention** | > 40 Years | | **Endurance** | 1 Million Write Cycles | | **Operating Temperature** | -40°C to +125°C (Automotive Grade) | --- ### Key Internal Components The internal architecture consists of several critical functional blocks: 1. **Memory Array:** The core 1024-bit storage organized as 128 bytes. 2. **I²C Control Logic:** Handles the start/stop conditions, device addressing, and acknowledgment bits. 3. **Address Register:** Tracks the current memory location being accessed. 4. **Voltage Regulator/Charge Pump:** Generates the high voltage required internally to erase and write data to the EEPROM cells, even when the input voltage is low (1.7V). 5. **Write Protection Logic:** Prevents accidental data overwriting when the Write Control (WC) pin is held high. --- ### Pin Configuration Typically, this device is found in small form-factor packages like SOT23-5 or TSSOP8. | Pin Name | Function | Description | | :--- | :--- | :--- | | **SDA** | Serial Data | Bi-directional pin for data transfer. | | **SCL** | Serial Clock | Input for clock synchronization. | | **Vcc** | Power Supply | Positive supply voltage. | | **Vss** | Ground | Circuit ground. | | **WC** | Write Control | Hardware write protection (Connect to Vcc to protect, Vss to enable writing). | --- ### Part Number Breakdown The suffixing provides information about the specific packaging and grade: * **M24C01**: Base Part (1 Kbit I²C EEPROM). * **-R**: Indicates 1.8V to 5.5V supply range. * **CT**: Specific process technology/die revision. * **3**: Automotive Grade 3 (-40 to +125 °C). * **TP**: Tape & Reel packaging. * **S**: Indicates specific assembly/testing compliance (often relating to halogen-free or specific automotive standards). --- ### Implementation Example (Pseudo-code) To read a byte from the memory, an MCU would send the following sequence: ```c // Start I2C Communication I2C_Start(); // Send Device Address (Write Mode) I2C_Write(0xA0); // Send Memory Address I2C_Write(0x05); // Restart and Send Device Address (Read Mode) I2C_Start(); I2C_Write(0xA1); // Receive Data uint8_t data = I2C_Read_NACK(); I2C_Stop(); ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the M24C01 and M24C02 models?
    • ⤷ How does the Write Control (WC) pin behave if left floating?
    • ⤷ Is this specific model suitable for space or high-radiation environments?