データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M24C01-RDS6TP/W

  • AI
    ## Technical Overview: M24C01-RDS6TP/W The **M24C01-RDS6TP/W** is a specific variant of the M24C01 series manufactured by **STMicroelectronics**. It is a 1-Kbit serial I²C Bus EEPROM (Electrically Erasable Programmable Memory). This component is widely used for storing small amounts of configuration data, parameters, or identification information in consumer electronics and industrial applications. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Memory Size** | 1 Kbit (128 x 8 bits) | | **Interface** | I²C (Two-wire serial interface) | | **Clock Frequency** | 400 kHz (Fast Mode) | | **Supply Voltage (Vcc)** | 1.8V to 5.5V | | **Package Type** | TSSOP8 (Thin Shrink Small Outline Package) | | **Operating Temperature** | -40°C to +85°C | | **Endurance** | 4 Million Write Cycles (at 25°C) | | **Data Retention** | 200 Years | --- ### 2. Breakdown of the Part Number Understanding the suffix helps identify the specific physical and chemical properties of the chip: * **M24C01**: Base part number for the 1-Kbit I²C EEPROM. * **R**: Indicates the operating voltage range (1.8V to 5.5V). * **D**: Refers to the "Additional Write Lockable Page" feature (not always applicable, check datasheet for specific die revisions). * **S**: Indicates the TSSOP8 package (3mm width). * **6**: Temperature range (-40°C to +85°C). * **TP**: Tape & Reel packaging for automated assembly. * **W**: High reliability/Process technology code (often refers to a specific wafer process). --- ### 3. Pin Configuration (TSSOP8) ```text TSSOP8 Pinout +---+--+---+ E0 |1 +--+ 8| Vcc E1 |2 7| WC (Write Control) E2 |3 6| SCL (Serial Clock) Vss |4 5| SDA (Serial Data) +----------+ ``` * **E0, E1, E2:** Chip Enable inputs (used to define the device address on the I²C bus). * **SDA:** Serial Data (Bidirectional). * **SCL:** Serial Clock (Input). * **WC:** Write Control. If connected to Vcc, write operations are inhibited (hardware write protection). If connected to Vss, the memory is writeable. * **Vcc/Vss:** Power supply and Ground. --- ### 4. Application Usage Because of its small footprint and low power consumption, this part is ideal for: 1. **Device Identification:** Storing MAC addresses or serial numbers. 2. **Calibration Data:** Storing sensor offset values. 3. **User Preferences:** Saving volume settings or display brightness on power-down.
    ✨ Follow-up Questions
    • ⤷ What is the maximum I2C bus speed supported by this EEPROM?
    • ⤷ How does the Write Control (WC) pin function for data protection?
    • ⤷ Can multiple M24C01 chips be used on the same I2C bus?