データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M24C02-RCT3TP/S

  • AI
    ### Overview of M24C02-RCT3TP/S The **M24C02-RCT3TP/S** is a specific variant of the M24C02 family of Electrically Erasable Programmable Read-Only Memory (EEPROM). It is manufactured by STMicroelectronics and is widely used for non-volatile storage of small amounts of data, such as configuration settings, serial numbers, or calibration data. --- ### Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Memory Size** | 2 Kbit (256 bytes organized as 32 pages of 8 bytes) | | **Interface** | I²C (Inter-Integrated Circuit) | | **Supply Voltage ($V_{CC}$)** | 1.7V to 5.5V | | **Clock Frequency** | 400 kHz (Fast Mode) or 1 MHz (Fast Mode Plus) | | **Write Cycles** | More than 4 million cycles | | **Data Retention** | Over 200 years | | **Operating Temperature** | -40°C to +125°C | --- ### Pin Configuration and Functionality The device is typically housed in a small footprint package like **SOT23-5** or **TSSOP8**. The primary pins function as follows: 1. **SDA (Serial Data):** The bidirectional pin used to transfer data in and out of the device. 2. **SCL (Serial Clock):** The input pin used to synchronize data movements. 3. **WC (Write Control):** A hardware protection pin. If tied to $V_{CC}$, write operations are inhibited (Read-only mode). If tied to $V_{SS}$ (Ground), write operations are allowed. 4. **VCC/VSS:** Power supply and ground connections. 5. **Device Address Pins (E0, E1, E2):** Used to define the specific I²C address, allowing multiple EEPROMs to be connected to the same bus (depending on the specific package). --- ### Internal Features * **Byte and Page Write:** The device supports writing a single byte or a full page (up to 8 bytes) in one write cycle, which typically takes less than 5ms. * **Random and Sequential Read:** Data can be read from a specific address or sequentially from the current address pointer. * **Schmitt Trigger Inputs:** Used for noise filtering on the SCL and SDA lines to ensure stable communication in noisy environments. * **ESD Protection:** Enhanced Electrostatic Discharge protection (usually > 4000V). --- ### Application Example (I²C Implementation) To communicate with the M24C02, a microcontroller acts as the Master and the EEPROM acts as the Slave. Below is a conceptual example of a Write operation: ```c // Pseudo-code for I2C Write to M24C02 I2C_Start(); I2C_Send_Device_Address(0xA0); // Default Write Address I2C_Send_Memory_Address(0x05); // Target Byte 5 I2C_Send_Data(0x42); // Data to store I2C_Stop(); Delay(5ms); // Wait for internal write cycle ```
    ✨ Follow-up Questions
    • ⤷ What is the significance of the '/S' suffix in this specific part number?
    • ⤷ How does the 'Write Control' (WC) pin help in data security?
    • ⤷ What are the primary differences between the M24C02 and the M24C04 versions?