データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M24C02-RDS3TP

  • AI
    ## Technical Overview of the M24C02-RDS3TP The **M24C02-RDS3TP** is a 2-Kbit serial I²C (Inter-Integrated Circuit) Electrically Erasable Programmable Read-Only Memory (EEPROM) manufactured by **STMicroelectronics**. It is widely used for non-volatile data storage in consumer electronics and industrial applications. ### 1. Key Specifications The following table highlights the primary electrical and physical characteristics: | Feature | Specification | | :--- | :--- | | **Memory Size** | 2 Kbit (256 x 8 bits) | | **Interface** | I²C (Serial 2-wire) | | **Operating Voltage** | 1.8V to 5.5V | | **Clock Frequency** | 400 kHz (Fast Mode) | | **Package Type** | TSSOP8 (Thin Shrink Small Outline Package) | | **Operating Temperature** | -40°C to +125°C | | **Write Endurance** | 4 million write cycles | | **Data Retention** | 200 Years | --- ### 2. Pin Configuration (TSSOP8) The device typically follows the standard 8-pin EEPROM pinout: 1. **E0, E1, E2:** Chip Enable inputs (used to set the device address). 2. **Vss:** Ground. 3. **SDA:** Serial Data (bidirectional). 4. **SCL:** Serial Clock. 5. **WC:** Write Control (Hardware protection). 6. **Vcc:** Power Supply. --- ### 3. Functional Breakdown #### A. Memory Organization The 2-Kbit memory is organized as **256 bytes**. Because the address space is small (00h to FFh), the entire memory can be addressed using a single byte during I²C communication. #### B. The "WC" (Write Control) Pin This is a hardware safety feature: * If **WC** is connected to **Vss** (Ground), the entire memory is unprotected (Write operations allowed). * If **WC** is connected to **Vcc**, the entire memory is write-protected (Read-only mode). #### C. I²C Protocol Support The device supports: * **Byte Write:** Writing a single byte of data. * **Page Write:** Writing up to 16 bytes in a single operation. * **Random Read:** Reading a byte from a specific address. * **Sequential Read:** Reading the entire memory content in one go. --- ### 4. Part Number Decoding Understanding the suffix **"RDS3TP"**: * **M24C02:** 2 Kbit I²C EEPROM. * **-R:** 1.8V to 5.5V supply voltage. * **DS:** TSSOP8 package (ECOPACK2 compliant). * **3:** Range 3 temperature (-40 to +125°C). * **TP:** Tape and Reel packaging. ---
    ✨ Follow-up Questions
    • ⤷ What are the differences between M24C02 and M24C04 in terms of addressing?
    • ⤷ How do I calculate the I2C slave address using the E0
    • ⤷ E1
    • ⤷ and E2 pins?
    • ⤷ Can this EEPROM be used with a 3.3V microcontroller like an ESP32 or STM32?