データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M24C02-RDS6TG

  • AI
    ### Overview of M24C02-RDS6TG The **M24C02-RDS6TG** is a 2-Kbit serial I²C (Inter-Integrated Circuit) Electrically Erasable Programmable Read-Only Memory (EEPROM) manufactured by STMicroelectronics. It is widely used for parameter storage in consumer electronics and industrial applications. --- ### Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Memory Size** | 2 Kbit (256 x 8 bits) | | **Interface** | I²C Serial (Two-Wire) | | **Clock Frequency** | 400 kHz (Fast Mode) / 100 kHz (Standard) | | **Supply Voltage (Vcc)** | 1.8V to 5.5V | | **Operating Temperature** | -40°C to +85°C | | **Package Type** | TSSOP8 (Thin Shrink Small Outline Package) | | **Write Cycles** | 4 Million (Minimum) | | **Data Retention** | 200 Years | --- ### Pin Configuration (TSSOP8) The M24C02 uses a standard 8-pin layout common to many I²C EEPROMs: 1. **E0, E1, E2 (Pins 1, 2, 3):** Chip Enable inputs used to define the device's I²C address. This allows up to 8 similar devices to be connected to the same bus. 2. **Vss (Pin 4):** Ground connection. 3. **SDA (Pin 5):** Serial Data (Bidirectional). 4. **SCL (Pin 6):** Serial Clock input. 5. **WC (Pin 7):** Write Control. If connected to Vcc, the memory is write-protected. If connected to Vss, write operations are allowed. 6. **Vcc (Pin 8):** Supply voltage. --- ### Core Electronic Features #### 1. Low Power Consumption The device is optimized for battery-powered devices, with a typical supply current of **1 mA** during active read/write and less than **1 μA** in standby mode (at 1.8V). #### 2. Byte and Page Write * **Byte Write:** Allows writing a single byte of data to a specific address. * **Page Write:** Allows writing up to **16 bytes** in a single instruction cycle, significantly speeding up the programming process. #### 3. Write Protection (WC Pin) This hardware-based protection mechanism prevents accidental data corruption by locking the memory content when the WC pin is pulled high. #### 4. Random and Sequential Read * **Random Read:** Accesses any specific byte in the 256-byte memory space. * **Sequential Read:** Reads the entire memory content in one sequence by automatically incrementing the internal address pointer. --- ### Application Use Cases * **Device Configuration:** Storing MAC addresses, serial numbers, or calibration data. * **User Settings:** Saving volume levels, display brightness, or language preferences in consumer devices. * **Data Logging:** Storing small amounts of sensor data over time. ---
    ✨ Follow-up Questions
    • ⤷ How do I calculate the I2C slave address for the M24C02 based on the E0-E2 pins?
    • ⤷ What is the internal write cycle time (tW) for this EEPROM?
    • ⤷ Can I use this part with a 5V microcontroller like an Arduino?