データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M24C02-RDS6TP/G

  • AI
    ## Electronic Overview of M24C02-RDS6TP/G The **M24C02-RDS6TP/G** is a high-performance, low-voltage 2-Kbit serial I²C EEPROM (Electrically Erasable Programmable Memory) manufactured by STMicroelectronics. It is widely used for parameter storage in consumer electronics and industrial applications. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Memory Size** | 2 Kbit (256 x 8 bits) | | **Interface** | I²C Serial (Two-Wire) | | **Operating Voltage (Vcc)** | 1.8V to 5.5V | | **Clock Frequency** | 400 kHz (Fast Mode) | | **Package Type** | TSSOP8 (Thin Shrink Small Outline Package) | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **Write Cycles** | 4 Million (Minimum) | | **Data Retention** | 200 Years | --- ### 2. Internal Architecture and Pinout The device operates using a simple 8-pin configuration, optimized for space-constrained PCB designs. #### Pin Functions 1. **E0, E1, E2 (Address Inputs):** Used to define the device's hardware address, allowing up to eight M24C02 chips on the same I²C bus. 2. **SDA (Serial Data):** The bidirectional pin used for transferring addresses and data. 3. **SCL (Serial Clock):** Used to synchronize data movements on the I²C bus. 4. **WC (Write Control):** A hardware protection pin. When connected to Vcc, the write operations are disabled (Read-only mode). When grounded (Vss), the memory is writable. 5. **Vcc / Vss:** Power supply and Ground pins. --- ### 3. Core Electronic Features #### A. Byte and Page Write The device supports both **Byte Write** (writing a single 8-bit word) and **Page Write** (writing up to 16 bytes in one instruction). This increases efficiency during bulk data updates. #### B. Low Power Consumption * **Active Read Current:** < 1 mA * **Standby Current:** < 1 µA (at 1.8V) This makes it ideal for battery-powered devices where energy conservation is critical. #### C. Write Protection The hardware **Write Control (WC)** pin provides physical security against accidental data corruption or unauthorized overwriting of critical system settings. #### D. Halogen-Free / Green Compliance The "/G" suffix indicates that the part is "Green," meaning it is compliant with ROHS standards and is free of antimony and bromine flame retardants. --- ### 4. Typical Application Circuit ```mermaid graph LR MCU[Microcontroller] -- SCL Line -- EEPROM[M24C02] MCU -- SDA Line -- EEPROM VCC((3.3V)) -- Pull-up Resistor -- SDA VCC -- Pull-up Resistor -- SCL EEPROM -- WC Pin -- GND[GND: Writable] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the primary differences between the M24C02 and the M24C04 versions?
    • ⤷ How do I calculate the I2C pull-up resistor values for this specific EEPROM?
    • ⤷ Can this chip be used at 5V logic levels if the microcontroller is 3.3V?