データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M24C02-RDS6TP/W

  • AI
    ## Technical Overview of M24C02-RDS6TP/W The **M24C02-RDS6TP/W** is a popular 2-Kbit serial I²C Electrically Erasable Programmable Read-Only Memory (EEPROM) manufactured by STMicroelectronics. It is widely used for parameter storage in consumer electronics and industrial applications. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Memory Size** | 2 Kbit (256 bytes) | | **Interface** | I²C (Two-Wire Serial) | | **Clock Frequency** | 400 kHz (Fast Mode) | | **Operating Voltage** | 1.8V to 5.5V | | **Package Type** | TSSOP8 (Thin Shrink Small Outline Package) | | **Temperature Range** | -40°C to +85°C (Industrial Grade) | | **Write Cycles** | 1,000,000 (1 Million) erase/write cycles | | **Data Retention** | 40 years | --- ### 2. Functional Components The internal architecture of this chip consists of several critical electronic sections: * **EEPROM Array:** The physical storage organized as 256 words of 8 bits each. * **Control Logic:** Manages the I²C protocol handling (Start/Stop conditions, Acknowledge bits). * **Write Protection (WC Pin):** A hardware pin that, when connected to $V_{CC}$, protects the entire memory contents from being overwritten. * **Address Inputs (E0, E1, E2):** These pins allow up to eight M24C02 devices to be connected to the same I²C bus by assigning each a unique hardware address. --- ### 3. Part Number Breakdown Understanding the suffix is crucial for sourcing the correct component: ```text M24C02 - R D S 6 T P / W | | | | | | | | | | | | | | | | | +-- Designator (W: Additional process info) | | | | | | | +----- Packing (P: Tape & Reel) | | | | | | +------- RoHS / Lead-free | | | | | +--------- Temperature Range (-40 to +85 °C) | | | | +----------- Package (S: TSSOP8) | | | +------------- Device Revision | | +--------------- Voltage (R: 1.8V to 5.5V) | +------------------- Capacity (02: 2 Kbit) +----------------------- Series (M24: I2C EEPROM) ``` --- ### 4. Implementation Example Below is a conceptual example of how to initialize a write sequence in C-like pseudo-code for an MCU: ```c // Example: Writing the byte 0xA5 to memory address 0x10 void write_eeprom(uint8_t mem_addr, uint8_t data) { I2C_Start(); I2C_Send_Address(0xA0); // Device Select Code (Write mode) I2C_Send_Byte(mem_addr); // Target memory address I2C_Send_Byte(data); // Data to store I2C_Stop(); Delay_ms(5); // Wait for internal write cycle (tW) } ``` --- ### 5. Application Areas * **Device Configuration:** Storing MAC addresses, serial numbers, and calibration data. * **Consumer Electronics:** Settings for LCD monitors, smart home devices, and cameras. * **Industrial:** Storing error logs or operating parameters for sensors.
    ✨ Follow-up Questions
    • ⤷ What are the differences between M24C02 and M24C04 in terms of addressing?
    • ⤷ How does the Write Control (WC) pin function differently in 'Low' vs 'High' states?
    • ⤷ What is the maximum power consumption during a write cycle for this chip?