データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M24C08-RMB3TP

  • AI
    ## Technical Overview: M24C08-RMB3TP The **M24C08-RMB3TP** is an 8-Kbit serial I²C bus EEPROM (Electrically Erasable Programmable Memory) manufactured by **STMicroelectronics**. It is designed for low-power and low-voltage applications, commonly found in consumer electronics, industrial sensors, and communication modules. --- ### 1. Key Technical Specifications The table below highlights the primary electrical and physical characteristics of the component: | Feature | Specification | | :--- | :--- | | **Memory Size** | 8 Kbit (1024 x 8 bits) | | **Interface** | I²C Serial (Two-wire) | | **Operating Voltage (Vcc)** | 1.8V to 5.5V | | **Clock Frequency** | 400 kHz (Fast Mode) / 1 MHz (Fast Mode Plus) | | **Write Cycle Time** | 5 ms (Maximum) | | **Endurance** | 4 million Write cycles | | **Data Retention** | 200 years | | **Package Type** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Functional Components The internal architecture of the M24C08-RMB3TP consists of the following electronic blocks: 1. **I²C Interface Logic:** Manages the communication protocols (Start/Stop conditions, Device Addressing, and Acknowledge bits). 2. **Control Logic:** Handles the internal timing for Write operations and manages the **Write Control (WC)** pin, which allows the chip to be write-protected. 3. **EEPROM Array:** The physical storage area organized into 4 blocks of 256 bytes each. 4. **Voltage Regulator/Charge Pump:** Generates the high voltage required internally to erase and program the EEPROM cells from the low-voltage supply. --- ### 3. Pin Configuration (UFDFPN8) | Pin | Symbol | Description | | :--- | :--- | :--- | | **1-3** | E0, E1, E2 | Chip Enable (Used for addressing multiple devices) | | **4** | Vss | Ground | | **5** | SDA | Serial Data (Bi-directional) | | **6** | SCL | Serial Clock (Input) | | **7** | WC | Write Control (Hardware protection) | | **8** | Vcc | Supply Voltage | --- ### 4. Part Number Breakdown: `M24C08-RMB3TP` * **M24:** I²C Serial Access EEPROM. * **C08:** 8 Kbit density. * **-R:** Operating voltage range (1.8V to 5.5V). * **MB:** Package type (UFDFPN8 2x3 mm). * **3:** Device Grade (Industrial temperature range -40 to +125°C). * **TP:** Tape and Reel packaging. --- ### 5. Implementation Considerations When designing a circuit with this part, keep the following in mind: * **Pull-up Resistors:** As an I²C device, the SDA and SCL lines require external pull-up resistors (typically 4.7kΩ to 10kΩ). * **Write Protection:** Connecting the **WC** pin to $V_{CC}$ will protect the entire memory contents from being overwritten. Connecting it to $V_{SS}$ allows normal write operations. * **Addressing:** Since the 8 Kbit memory is split into four 256-byte pages, the device uses bits within the I²C Device Address to select the specific block.
    ✨ Follow-up Questions
    • ⤷What is the difference between M24C08 and M24C16 models?
    • ⤷ How do I calculate the correct pull-up resistor value for the I2C bus?
    • ⤷ Can this EEPROM be used in automotive applications?