データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M24C08-RMB6TP

  • AI
    ## Technical Overview: M24C08-RMB6TP The **M24C08-RMB6TP** is an 8-Kbit serial I²C (Inter-Integrated Circuit) EEPROM manufactured by **STMicroelectronics**. It is a non-volatile memory device commonly used to store configuration data, calibration parameters, and user settings in consumer and industrial electronics. --- ### 1. Key Technical Specifications | Parameter | Value / Range | | :--- | :--- | | **Memory Size** | 8 Kbit (1,024 x 8 bits) | | **Interface** | I²C (Serial) | | **Operating Voltage ($V_{CC}$)** | 1.8V to 5.5V | | **Clock Frequency** | 400 kHz (Fast Mode) | | **Write Cycle Time** | 5 ms (Max) | | **Endurance** | 4 Million Write Cycles | | **Data Retention** | 200 Years | | **Package Type** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) | --- ### 2. Functional Electronic Components The internal architecture of the M24C08-RMB6TP consists of several critical stages: 1. **Memory Array:** The 8-Kbit space is organized as 4 blocks of 256 bytes. 2. **I²C Interface Logic:** This block handles the SDA (Serial Data) and SCL (Serial Clock) signals, managing the start/stop conditions and byte acknowledgments (ACK/NACK). 3. **Address Register & Comparator:** Since the device is 8-Kbit, it uses specific device select codes to differentiate between the four internal 256-byte blocks. 4. **Voltage Multiplier (Charge Pump):** Because EEPROM cells require higher voltages for programming (tunneling) than the standard supply voltage, an internal charge pump boosts the 1.8V-5.5V input to the necessary levels for the **Write** cycle. 5. **Write Control Logic:** Manages the timing and sequence of the internal write operations to ensure data integrity. --- ### 3. Pin Configuration (UFDFPN8) The "RMB6TP" suffix indicates the UFDFPN8 package. Below is the pinout description: | Pin | Name | Type | Description | | :--- | :--- | :--- | :--- | | 1-3 | E0, E1, E2 | Input | **Chip Enable:** Used to set the device address (Hardware Address). | | 4 | $V_{SS}$ | Power | Ground. | | 5 | SDA | I/O | **Serial Data:** Bidirectional pin to shift data in/out. | | 6 | SCL | Input | **Serial Clock:** Synchronizes the data transfer. | | 7 | WC | Input | **Write Control:** Hardware protection. If tied to $V_{CC}$, writes are disabled. | | 8 | $V_{CC}$ | Power | Supply Voltage. | --- ### 4. Part Number Decoding Breaking down the specific code **M24C08-RMB6TP**: * **M24**: I²C family of EEPROMs. * **C08**: Capacity (8 Kbit). * **-R**: Operating Voltage (1.8V to 5.5V). * **MB**: Package type (UFDFPN8 2x3mm). * **6**: Industrial temperature range (-40°C to +85°C). * **TP**: Tape & Reel packaging. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific pull-up resistor requirements for the SDA and SCL lines on this chip?
    • ⤷ How do the E0
    • ⤷ E1
    • ⤷ and E2 pins function if I want to connect multiple EEPROMs to the same I2C bus?
    • ⤷ What is the behavior of the Write Control (WC) pin during a standard write operation?