データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M24LR64-R

  • AI
    ## Overview of the M24LR64-R The **M24LR64-R** is a unique electronic component developed by STMicroelectronics. It belongs to a specialized class of devices known as **Dual-Interface EEPROMs** (Electrically Erasable Programmable Read-Only Memory). It is "dual-interface" because it can be accessed through two distinct methods: a wired **I2C interface** and a wireless **RFID/NFC interface**. --- ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Memory Size** | 64 Kbits (8192 bytes) | | **Wired Interface** | I2C (up to 400 kHz) | | **Wireless Interface** | ISO/IEC 15693 (RFID/NFC) | | **RF Operating Frequency** | 13.56 MHz | | **Operating Voltage (Vcc)** | 1.8V to 5.5V | | **Data Retention** | 40 Years | | **Write Cycles** | 1 Million cycles | --- ### Key Electronic Functional Blocks 1. **Dual Port Memory:** The 64 Kbit memory array is shared. Data written by a microcontroller via I2C can be read by a smartphone via NFC, and vice versa. 2. **Energy Harvesting:** One of its standout features. It can capture energy from the ambient RF field of an NFC reader and output it via a dedicated pin (Vout) to power other low-power components (like a small MCU or sensor). 3. **RF Interface (ISO 15693):** This is a "vicinity" standard, allowing for longer communication ranges (up to 1 meter with the right antenna) compared to standard ISO 14443 NFC tags. 4. **Analog Front End (AFE):** Contains the tuning capacitors and rectifiers needed to convert the 13.56 MHz radio waves into digital data and DC power. --- ### Typical Application Circuit To function wirelessly, the M24LR64-R requires an external antenna (usually a PCB trace coil). ```mermaid graph LR A[NFC Phone/Reader] -- 13.56MHz RF --> B[PCB Antenna] B <--> C[M24LR64-R] C -- I2C Bus --> D[Microcontroller] C -- Vout --> E[Sensor Power] ``` ### Use Cases * **Zero-Power Configuration:** A manufacturer can program settings into a device while it is still in the box (unpowered) using an RFID reader. * **Data Logging:** A sensor log stored in the EEPROM can be retrieved by an NFC-enabled smartphone even if the device's main battery is dead. * **Firmware Updates:** Small firmware patches can be transmitted wirelessly to the memory and then flashed by the local MCU. ---
    ✨ Follow-up Questions
    • ⤷ How does the energy harvesting feature calculate the available output power?
    • ⤷ What is the difference between the M24LR and the standard M24 series?
    • ⤷ Can the I2C and RF interfaces access the memory simultaneously?