データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AC-A10-R2/Q

  • AI
    Based on the part number provided, this appears to be a specific industrial interface module or signal converter, often associated with brands like **M-System** or similar industrial automation manufacturers. The **M2AC-A10-R2/Q** typically refers to an **AC Current Transmitter** (M2 series). Below is a breakdown of its electronic components, specifications, and features. --- ### 1. Part Number Breakdown The alphanumeric code describes the specific configuration of the device: | Segment | Meaning | Description | | :--- | :--- | :--- | | **M2** | Series | Mini-M series plug-in signal conditioner | | **AC** | Input Type | AC Current Input | | **A** | Output Type | 4 – 20 mA DC | | **10** | Input Range | 0 – 1 A AC | | **R2** | Power Supply | 100 – 240V AC (Standard range) | | **/Q** | Special Option | Indicates custom specifications or specific certifications | --- ### 2. Core Electronic Components The internal circuitry of this device is designed for high-precision signal isolation and conversion. Key electronic stages include: #### A. Input Stage (Current Transformer) * **Sensing:** Uses a small internal current transformer (CT) to step down the 0–1A AC input. * **Protection:** Includes surge absorbers and shunt resistors to prevent damage from over-current. #### B. Signal Processing (RMS to DC Converter) * **Rectification:** Converts the AC waveform into a stable DC voltage. * **Filtering:** Low-pass filters remove harmonic noise to ensure a smooth output signal. * **Precision Op-Amps:** Used for linear scaling of the signal to ensure the 0-1A input correlates exactly to the 4-20mA output. #### C. Galvanic Isolation * **Optical/Magnetic Couplers:** Provides 3-way isolation (Input to Output to Power). This protects the PLC/DCS from high-voltage spikes on the input side. #### D. Power Supply Stage * **Switching Regulator:** A high-efficiency AC/DC converter that takes the 100-240V AC input and generates regulated DC rails for the internal op-amps and sensors. --- ### 3. Technical Specifications | Feature | Specification | | :--- | :--- | | **Input Impedance** | Approx. 0.1 $\Omega$ (with internal CT) | | **Frequency Range** | 40 Hz to 1 kHz (Sine wave) | | **Output Load Resistance** | Max 550 $\Omega$ | | **Accuracy** | $\pm$0.3% of span | | **Response Time** | $\leq$ 0.5 seconds (0 – 90%) | | **Isolation Resistance** | 100 M$\Omega$ at 500V DC | | **Dielectric Strength** | 2000V AC @ 1 minute | --- ### 4. Application and Usage This part is commonly used in industrial control panels for: 1. **Motor Monitoring:** Converting the current draw of a motor into a signal a PLC can understand. 2. **Load Management:** Monitoring electrical heaters or industrial equipment. 3. **Data Logging:** Sending AC current data to a SCADA system. ---
    ✨ Follow-up Questions
    • ⤷ What does the /Q suffix specifically signify for this manufacturer?
    • ⤷ Can this module handle non-sinusoidal (distorted) AC waves?
    • ⤷ How do I wire the 4-20mA output to a PLC analog input card?