データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AC-A11-R2

  • AI
    The **M2AC-A11-R2** typically refers to a high-performance **M.2 (M-Key) to OCuLink (SFF-8612) adapter**. This electronic component is designed to bridge the gap between high-speed internal bus architectures and external high-bandwidth connectivity, commonly used for connecting External GPUs (eGPU) or high-speed NVMe storage arrays. --- ### 1. Key Technical Specifications | Component Feature | Specification | | :--- | :--- | | **Interface (Host)** | M.2 M-Key (PCIe 4.0/3.0 x4) | | **Output Connector** | OCuLink SFF-8612 (80-Pin) | | **Data Transfer Rate** | Up to 64Gbps (PCIe Gen4 x4) | | **Form Factor** | M.2 2280 | | **Power Requirements** | Typically bus-powered via M.2 slot | --- ### 2. Electronic Architecture & Components The "R2" in the model name often signifies a second revision, focusing on signal integrity and power stability. Below are the primary electronic sections: #### A. Signal Redriver / Buffer High-speed PCIe Gen4 signals degrade quickly over traces and cables. * **Function:** Many versions include a redriver IC to "clean up" the signal and boost the voltage levels. * **Benefit:** Reduces bit-error rates (BER) when using longer OCuLink cables. #### B. Power Management (DC-DC Conversion) * **Voltage Rails:** Converts the 3.3V provided by the M.2 slot into stable operating voltages for the onboard logic. * **Filtering:** Includes SMD ceramic capacitors (MLCCs) to filter high-frequency noise that could interfere with data transmission. #### C. PCB Construction * **Impedance Control:** The traces are specifically routed with 85-ohm or 100-ohm differential impedance to match PCIe standards. * **Gold Fingers:** The M.2 edge connector features hard-gold plating to prevent oxidation and ensure low contact resistance over multiple insertions. --- ### 3. Application Use Cases 1. **External GPU (eGPU):** Connecting a laptop or NUC to a desktop graphics card via an OCuLink cable for significantly higher performance than Thunderbolt 4. 2. **U.2/U.3 NVMe Drives:** Connecting enterprise-grade SSDs to a standard consumer motherboard. 3. **High-Speed Networking:** Interfacing with specialized networking cards that utilize OCuLink physical layers. --- ### 4. Installation Diagram Logic ```mermaid graph LR A[M.2 Slot on Motherboard] -->|PCIe x4 Lanes| B(M2AC-A11-R2 Adapter) B -->|SFF-8612 Connector| C[OCuLink Cable] C -->|High Speed Link| D[External Device / eGPU] ``` ---
    ✨ Follow-up Questions
    • ⤷ Does the M2AC-A11-R2 require external power to operate?
    • ⤷ What is the maximum cable length supported for PCIe Gen4 speeds?
    • ⤷ Is this adapter compatible with M.2 B-Key or E-Key slots?