データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AC-A15W-R2/Q

  • AI
    The **M2AC-A15W-R2/Q** is a specialized power module designed for industrial and automotive applications. It is part of a series of AC/DC converters, typically featuring a compact form factor and high reliability. Below is the technical breakdown of its electronic components and specifications. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Component Type** | AC/DC Power Supply Module | | **Output Power** | 15 Watts (Max) | | **Input Voltage Range** | 85V AC to 264V AC (Standard) / 100V to 370V DC | | **Standard Output** | Typically 5V, 12V, or 15V (model dependent) | | **Efficiency** | ~80% to 85% | | **Package Style** | PCB Mount / Encapsulated | | **Operating Temp** | -40°C to +85°C | --- ### 2. Core Internal Electronic Parts The module consists of several critical stages to convert high-voltage AC into stable low-voltage DC: #### A. Input Stage (Protection & EMI) * **Fuse:** Internal safety fuse to protect against short circuits. * **MOV (Metal Oxide Varistor):** Absorbs voltage surges from the AC line. * **EMI Filter:** Chokes and X/Y capacitors to reduce electromagnetic interference. #### B. Rectification & Filtration * **Bridge Rectifier:** Converts the AC sine wave into a pulsating DC wave. * **High-Voltage Capacitor:** Smooths the pulsating DC into a stable high-voltage DC bus (typically ~300-400V). #### C. Power Conversion (Switching) * **PWM Controller IC:** The "brain" that regulates the switching frequency to maintain output stability. * **Power MOSFET:** A high-speed switch that "chops" the DC voltage into high-frequency pulses. * **High-Frequency Transformer:** Provides galvanic isolation between the high-voltage input and the low-voltage output. #### D. Output Stage * **Schottky Rectifiers:** High-speed diodes that rectify the transformer output. * **Filter Inductors/Capacitors:** Low-ESR capacitors that remove high-frequency ripples. * **Optocoupler:** Provides feedback from the output back to the PWM controller while maintaining electrical isolation. --- ### 3. Suffix Meanings * **A15W:** Indicates the power rating (15 Watts). * **R2:** Usually refers to a specific revision or second-generation design with improved efficiency or thermal performance. * **Q:** Often denotes "Industrial Grade" or "Automotive Grade" qualifications, indicating higher vibration resistance and wider temperature tolerances. --- ### 4. Common Applications 1. **Industrial Automation:** Powering sensors and PLC modules. 2. **IoT Gateways:** Reliable power for communication hardware. 3. **Smart Grid:** Used in smart meters or distribution automation devices.
    ✨ Follow-up Questions
    • ⤷ What is the exact output voltage for the M2AC-A15W-R2/Q variant?
    • ⤷ Does this module require external cooling or heat sinking?
    • ⤷ What are the mounting dimensions for this PCB module?