データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AC-A1Z-R2

  • AI
    The **M2AC-A1Z-R2** is a specific industrial control component, typically identified as a **Solid State Relay (SSR)** or an **I/O Module** manufactured by **OPTO 22** (a leader in industrial automation). It is designed to interface high-power AC loads with low-power control logic. --- ### 1. Key Technical Specifications The following table outlines the core electronic characteristics of the device: | Parameter | Specification | | :--- | :--- | | **Component Type** | AC Output Module | | **Input (Control) Voltage** | Logic level (typically 5V DC) | | **Output (Load) Voltage** | 120V - 240V AC | | **Max Output Current** | 2 Amps | | **Isolation Type** | Optical Isolation (4000V RMS) | | **Switching Method** | Zero Voltage Turn-on (Zero-Cross) | | **Form Factor** | M-Series (Compact Module) | --- ### 2. Electronic Component Breakdown #### A. Optical Isolation The "A1Z" series utilizes an internal **Optocoupler**. This creates a physical gap between the sensitive controller (like an Arduino, PLC, or Raspberry Pi) and the high-voltage AC mains. It protects the logic circuitry from voltage spikes or surges on the load side. #### B. Zero-Cross Detection Circuitry The "Z" in the part number often denotes **Zero-Cross Switching**. * **How it works:** The relay will not turn on the moment it receives a signal; instead, it waits for the AC sine wave to cross the 0-volt point. * **Benefit:** This significantly reduces Electromagnetic Interference (EMI) and electrical noise, extending the life of both the relay and the connected load. #### C. Snubber Network The module contains an internal **RC Snubber** circuit. This is a resistor and capacitor in series across the output. It is crucial for handling **inductive loads** (like motors or solenoids), as it prevents voltage "kickback" (dv/dt) from accidentally re-triggering the relay. --- ### 3. Connection Pinout Logic Most M-series modules follow a standard 4-pin physical layout: 1. **Pin 1 & 2 (Control):** Connected to the DC logic circuit. Usually, one pin is VCC and the other is the Signal/Ground. 2. **Pin 3 & 4 (Load):** These act as a switch for the AC hot wire. You place these pins in series with your AC device. --- ### 4. Application Use Cases * **Heater Control:** Precise switching of resistive heating elements. * **Small Motors:** Driving fractional horsepower AC motors in fans or pumps. * **Solenoid Actuation:** Controlling pneumatic or hydraulic valves in a factory line. * **Lighting Control:** Interfacing logic controllers with 120/240V lighting systems.
    ✨ Follow-up Questions
    • ⤷ What is the difference between Zero-Cross and Random-Fire switching in SSRs?
    • ⤷ How do I calculate the heat dissipation requirements for a 2A AC output module?
    • ⤷ Can the M2AC-A1Z-R2 be used to control DC loads?