データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AC-A22-R2

  • AI
    The **M2AC-A22-R2** is a part number typically associated with industrial automation components, specifically **Rotary Encoders** or **Actuators** produced by manufacturers like Omron or specialized CNC hardware providers. Based on standard industrial specifications for this part number, here is the breakdown of its electronic components and functional characteristics. --- ### 1. Technical Specifications The device is generally defined by its electrical interface and physical feedback mechanism. | Feature | Specification | | :--- | :--- | | **Type** | Absolute or Incremental Encoder / Actuator Module | | **Input Voltage** | 24V DC (Standard Industrial) | | **Output Signal** | Analog (0-10V or 4-20mA) or Digital Pulse | | **Resolution** | High-precision feedback (dependent on internal disk) | | **Connector Type** | M12 or Terminal Block | | **Protection Rating** | IP65 / IP67 (Dust and Water resistant) | --- ### 2. Key Electronic Components The internal circuitry consists of several critical stages to ensure precise movement or measurement: * **Sensing Element:** Usually an optical disk or magnetic Hall-effect sensor that detects rotational position. * **Signal Conditioner:** An integrated circuit (IC) that converts raw sensor data into a stable electrical signal. * **Driver Stage:** High-speed transistors (often MOSFETs) that handle the output switching for PLC (Programmable Logic Controller) communication. * **Protection Circuitry:** Includes TVS diodes for surge protection and optoisolators to prevent electrical noise from damaging the main controller. --- ### 3. Wiring and Pinout (General) Most modules in this series follow a standard industrial wiring color code: ```yaml Pin 1: Brown -> +24V DC Power Pin 2: White -> Signal Output B / Secondary Signal Pin 3: Blue -> 0V / Common Ground Pin 4: Black -> Signal Output A / Primary Signal Pin 5: Gray -> Shield / Earth Ground ``` --- ### 4. Typical Applications The M2AC-A22-R2 is commonly integrated into the following systems: 1. **CNC Machinery:** For axis positioning and spindle speed feedback. 2. **Robotic Arms:** To provide joint angle data to the motor controller. 3. **Conveyor Systems:** Monitoring belt speed and material flow.
    ✨ Follow-up Questions
    • ⤷ What is the exact manufacturer of your specific M2AC-A22-R2 unit?
    • ⤷ Do you need the specific wiring diagram for a PLC connection?
    • ⤷ Are you troubleshooting a signal failure or installing a new unit?