データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AC-A26-R2/Q

  • AI
    The **M2AC-A26-R2/Q** is a specific part number typically associated with **Schmersal** or high-end industrial safety/sensor interface components (often related to the M2AC series of safety controllers or interface modules). Below is a breakdown of the electronic specifications and typical characteristics of this component series. --- ### 1. Technical Specifications This device serves as an interface or controller for safety systems, ensuring that electrical signals from safety sensors (like light curtains or interlocks) are processed correctly. | Feature | Specification | | :--- | :--- | | **Input Voltage** | Typically 24 VDC / VAC | | **Output Type** | Relay Contacts (Safety rated) | | **Connection Type** | M12 Connector or Terminal Blocks (Model dependent) | | **Safety Classification** | Up to Cat 4 / PL e (ISO 13849-1) | | **Housing Material** | Glass-fibre reinforced thermoplastic | | **Protection Class** | IP67 (when mated) | --- ### 2. Key Electronic Components & Functionality #### A. Control Logic (The "Brain") The internal circuitry utilizes redundant microprocessors or dual-channel logic. This ensures that a single electronic failure (like a shorted transistor) does not lead to a loss of the safety function. #### B. Switching Elements (R2 Designation) The **"R2"** in the suffix generally refers to the **Relay Outputs**. * **Safety Contacts:** These are force-guided relays. If one contact welds, the other remains open to prevent the machine from restarting. * **Auxiliary Contacts:** Used for signaling the status to a PLC (Programmable Logic Controller) but not for safety-critical disconnection. #### C. Signal Filtering The unit includes optocouplers to provide galvanic isolation between the input triggers and the internal processing logic, protecting the electronics from voltage spikes and EMI (Electromagnetic Interference). --- ### 3. Wiring Configuration For the "Q" variant, the wiring usually follows a standard industrial pinout for quick-disconnect cables. ```mermaid graph LR A[Safety Sensor] -- 24V Signal --> B(M2AC Input) B -- Logic Processing --> C{Safety Relay} C -- Power Cut --> D[Motor Contactor] C -- Status Signal --> E[PLC/HMI] ``` --- ### 4. Application Usage * **Muting Modules:** Often used with light curtains to allow material to pass through a safety zone without triggering an emergency stop. * **Safety Monitoring:** Checking the status of two-hand controls or emergency stop buttons. * **Interface Conversion:** Converting OSSD (Output Signal Switching Device) semiconductor signals into dry relay contacts. ---
    ✨ Follow-up Questions
    • What is the specific pinout for the M12 connector on the M2AC-A26-R2/Q?
    • Does this module support automatic or manual reset modes?
    • What is the maximum switching current for the R2 relay outputs?