データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AC-A3G-R2

  • AI
    The **M2AC-A3G-R2** is a specific model within the **M2 Series** of signal conditioners manufactured by **M-System** (now part of MG CO., LTD). This device is a compact, plug-in signal transmitter designed to convert an AC current input into a standardized DC output. --- ### ## 1. Technical Specifications The model code `M2AC-A3G-R2` breaks down into specific electronic parameters: | Component | Code | Description | | :--- | :--- | :--- | | **Model** | M2AC | AC Transmitter (Average sensing, RMS calibrated) | | **Input** | A | 0 – 5 A AC | | **Output** | 3 | 0 – 1 V DC | | **Power Supply** | G | 200 – 240 V AC | | **Standard** | R2 | RoHS compliant version 2 | --- ### ## 2. Core Electronic Components The internal circuitry consists of four primary stages that handle the signal conversion: #### ### A. Input Conditioning Stage * **Current Transformer (CT):** The device features an internal CT to step down the 0-5A AC input into a low-voltage signal safe for processing. * **Impedance:** The input impedance is typically very low (approx. 0.1 VA) to minimize the burden on the primary current loop. #### ### B. Rectification & Conversion * **Rectifier Circuit:** Since this is an "Average Sensing" model, it uses a precision bridge rectifier circuit to convert the AC waveform into a pulsating DC signal. * **Filtering:** A low-pass filter smooths the pulsations into a steady DC voltage proportional to the average value of the AC input, calibrated to represent the RMS value (assuming a sine wave). #### ### C. Isolation Barrier * **Optical/Magnetic Isolation:** The "M2" series is known for **three-way isolation** (Input to Output to Power). This protects sensitive PLCs or controllers from high-voltage surges or ground loops. * **Dielectric Strength:** Usually rated for 2000V AC @1 minute. #### ### D. Output Scaling * **Operational Amplifiers (Op-Amps):** These scale the rectified signal to the specific **0–1V DC** range. * **Adjustments:** The front panel contains **Zero** and **Span** multi-turn potentiometers (trimmers) for fine-tuning the output accuracy (typically ±0.3%). --- ### ## 3. Electrical Connections The unit uses a **10-pin plug-in base** (Socket). The typical wiring configuration is: | Terminal | Function | Description | | :--- | :--- | :--- | | **1 & 5** | Input | AC Current (0–5A) | | **7 (+) & 8 (-)** | Output | DC Voltage (0–1V) | | **9 (U) & 10 (V)** | Power | 200–240V AC Source | --- ### ## 4. Important Considerations * **Waveform Sensitivity:** Because this is an average-sensing device, it is accurate for pure sine waves. If the AC input is heavily distorted (e.g., from a VFD), the reading may be inaccurate. * **Mounting:** Designed for DIN rail mounting using the specialized plug-in base, allowing for "hot-swapping" without disconnecting wires.
    ✨ Follow-up Questions
    • ⤷ Does this model support True RMS conversion for distorted waveforms?
    • ⤷ What is the maximum response time for the 0-1V output signal?
    • ⤷ Can this transmitter be powered by a 24V DC source instead of AC?