データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AC-A43-R2/CE

  • AI
    The **M2AC-A43-R2/CE** is a specialized industrial sensor, specifically a **M2 Series Magnetic Proximity Switch** typically manufactured by companies like *IDEC* or *Bernstein* (depending on specific regional branding). This model is designed for non-contact detection of position, limit, or speed using magnetic fields. --- ### Technical Specifications The electronic and physical components are designed for high reliability in harsh industrial environments. | Feature | Specification | | :--- | :--- | | **Sensing Method** | Magnetic Induction (Reed Switch or Hall Effect) | | **Output Type** | AC (Alternating Current) | | **Connection Type** | M12 Connector (4-pin) or Pre-wired (model dependent) | | **Switching Voltage** | 20V to 250V AC | | **Contact Rating** | Usually up to 500mA (continuous) | | **Housing Material** | Nickel-plated brass or Stainless steel | | **Environmental Rating** | IP67 (Dust tight and water immersion resistant) | --- ### Key Electronic Components #### 1. The Sensing Element The core of the M2AC-A43 is a **hermetically sealed Reed Switch**. * **Function:** When a magnetic actuator (the target) comes within the sensing range, the magnetic field causes the internal metal reeds to pull together, completing the circuit. * **Durability:** Because the contacts are sealed in an inert gas, they are protected against oxidation and sparks. #### 2. Protection Circuitry Inside the "R2" variant, there is often integrated protection to handle the electrical stresses of AC loads: * **Varistor (MOV):** Protects the internal switch from high-voltage spikes common in industrial AC lines. * **Snubber Circuit:** A combination of a resistor and capacitor used to suppress "arcing" when the switch opens, extending the lifespan of the device. #### 3. Output Configuration The **"A43"** designation usually refers to the wiring logic: * **Normally Open (NO):** The circuit remains open until a magnet is detected. * **2-Wire AC System:** It acts as a switch in series with the load. --- ### Application Scenarios * **Safety Interlocking:** Detecting if a machine guard is closed. * **Pneumatic Cylinders:** Monitoring the position of a piston (with an internal magnet). * **Harsh Environments:** Since it is "CE" certified and IP67 rated, it is used where oils, coolants, or water are present. --- ### Installation Wiring Diagram (Typical) ```mermaid graph LR Line_AC ---|Brown Wire| Sensor_M2AC Sensor_M2AC ---|Blue Wire| Industrial_Load Industrial_Load --- Neutral_AC ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum sensing distance for the M2AC-A43-R2/CE?
    • ⤷ How does the AC version differ from the DC NPN/PNP versions in wiring?
    • ⤷ What type of magnetic actuator is recommended for this specific sensor?