データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AC-A50-R2SLASHQ

  • AI
    The **M2AC-A50-R2-Q** (often part of the **M2AC series**) typically refers to a high-performance, compact **M.2 form factor video capture or processing module**, commonly utilized in industrial automation, medical imaging, and edge AI computing. Below is a breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications | Feature | Description | | :--- | :--- | | **Form Factor** | M.2 2280 (Standard 22mm x 80mm) | | **Interface** | PCIe Gen2 x2 or x4 (Depending on specific configuration) | | **Input Type** | Analog / Composite (NTSC/PAL) or Digital SDI (Variant dependent) | | **Power Consumption** | Approx. 3.3V @ 1.5A - 2.5A | | **Operating Temp** | 0°C to +70°C (Commercial) or -40°C to +85°C (Industrial) | ### 2. Key Electronic Components The internal circuitry of this module generally consists of four primary functional blocks: 1. **Video Decoder/Encoder IC**: The "brain" of the module, responsible for converting incoming video signals into raw data frames. It often supports H.264 or H.265 hardware compression. 2. **PCIe Bridge Chip**: Manages high-speed data transfer between the video processing unit and the host computer's CPU/GPU via the M.2 slot. 3. **Power Management Integrated Circuit (PMIC)**: Converts the 3.3V rail from the M.2 slot into lower voltages (1.2V, 1.8V) required by the onboard chips. 4. **Flash Memory**: Stores the firmware and configuration settings required for the device to initialize during boot-up. ### 3. Connection & Pinout The module uses the **M-Key** or **B+M Key** edge connector. Because this is often a video capture card, the physical wiring for video input is handled via: * **Micro-Coaxial Connectors (U.FL or W.FL)**: Small circular connectors on the PCB. * **Header Pins**: For secondary signals like GPIO or Audio input. --- ### 4. Typical Use Cases * **Embedded Vision**: Integrating camera feeds into small-form-factor PCs. * **Medical Devices**: Capturing live video from endoscopes or ultrasound machines. * **Defense/Drones**: Real-time video processing in ruggedized environments. --- ### 5. Installation Note > **Warning:** Ensure your motherboard's M.2 slot supports **PCIe signaling**. Some older M.2 slots are SATA-only and will not recognize this module.
    ✨ Follow-up Questions
    • ⤷ What is the specific video input resolution supported by the R2-Q variant?
    • ⤷ Does this module require proprietary drivers for Linux/Windows?
    • ⤷ What are the specific thermal management requirements for this M.2 card?