データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AC-A64W-R2

  • AI
    The **M2AC-A64W-R2** is a specific technical component primarily used as a **M.2 to Mini-PCIe adapter card**, often associated with wireless communication hardware (Wi-Fi/Bluetooth modules) in industrial or specialized computing environments. Below is a breakdown of its electronic parts and functional specifications. --- ### 1. Core Component Breakdown | Component Type | Description | Purpose | | :--- | :--- | :--- | | **Interface (Host)** | Mini-PCIe (Full-mini or Half-mini) | Connects to the motherboard or SBC's expansion slot. | | **Interface (Device)** | M.2 Key E or Key A+E Slot | Accepts M.2 wireless modules (e.g., Intel AX210, 9260). | | **Voltage Regulator** | Low Dropout (LDO) Regulator | Converts 3.3V from Mini-PCIe to stable power for the M.2 card. | | **Bus Signal Pass-through** | PCIe x1 and USB 2.0 | Bridges data signals between the two different form factors. | | **Antenna Connectors** | I-PEX / MHF4 (Optional) | Some versions include pigtails to bridge internal signals to external SMA ports. | --- ### 2. Technical Specifications The "R2" designation typically implies a second revision with improved power delivery or trace routing. * **Signal Compatibility:** * **PCIe:** Used for high-speed Wi-Fi data. * **USB 2.0:** Required for Bluetooth functionality on combo cards. * **Dimensions:** Standard Full-size Mini-PCIe (approx. 30mm x 50.95mm). * **Voltage Support:** Generally supports 3.3V input/output. * **Form Factor Conversion:** Designed specifically to allow modern M.2 2230 modules to work in legacy Mini-PCIe slots. --- ### 3. Key Electronic Features 1. **Signal Integrity Traces:** The PCB is designed with impedance-controlled differential pairs to ensure that the high-frequency PCIe signals do not degrade when jumping from the M.2 connector to the Mini-PCIe gold fingers. 2. **Power Decoupling Capacitors:** Small Surface Mount (SMD) capacitors are placed near the M.2 slot to filter noise and handle the inrush current required during high-speed data bursts. 3. **Mechanical Mounting:** Includes standoffs to secure the M.2 module (usually 2230 size) and screw holes for the Mini-PCIe slot attachment. --- ### 4. Implementation Use-Case If you are using this part, it is likely because you are upgrading an older laptop, industrial PC, or Firewall appliance (like pfSense/OPNsense hardware) to support **Wi-Fi 6 or 6E** standards, as modern high-speed wireless cards are rarely manufactured in the older Mini-PCIe format.
    ✨ Follow-up Questions
    • ⤷ Does this adapter support NVMe SSDs or only wireless modules?
    • ⤷ What is the difference between Key E and Key M in M.2 slots?
    • ⤷ Are there specific driver requirements when using this bridge?