AI

The **M2AC-A6E-R/Q** is a specialized electronic component, typically associated with **M-System** (now **MG CO., LTD**), a leading manufacturer of signal conditioners and interface modules. This specific part belongs to the **M2AC series**, which are plug-in type AC current transducers.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
## 1. Product Overview
The M2AC series is designed to convert an alternating current (AC) input signal into a standard DC output signal (voltage or current) that is proportional to the input. This is critical for interfacing high-power electrical systems with PLCs or monitoring equipment.
### Specification Breakdown
| Parameter | Specification | Details |
|:--- |:--- |:--- |
| **Input** | AC Current | Typically 0 – 1A or 0 – 5A AC |
| **Output** | DC Signal | Standard process signals (4-20mA, 0-10V, etc.) |
| **Accuracy** | ±0.3% | High precision for industrial monitoring |
| **Response Time** | ≤ 0.5 sec | Time to reach 90% of final value |
| **Isolation** | 3-Way | Input to output to power to ground |
---
## 2. Deciphering the Model Suffixes
The alphanumeric codes after the base model "M2AC" define the hardware configuration:
* **-A6E**:
* **A**: Input type (Usually 0 – 5A AC).
* **6**: Output type (Standard DC voltage/current code, e.g., 1 – 5V DC).
* **E**: Power supply requirement (Typically 200 – 240V AC).
* **-R**:
* Indicates the power input type, usually **24V DC**. (Note: If 'E' and 'R' are both present, the suffix 'R' specifically denotes the 24V DC power option in many M-System configurations).
* **-Q**:
* Indicates a **Special Option** or "Ex-factory" modification. This often refers to specific coating (like moisture proofing) or a non-standard calibration.
---
## 3. Key Electronic Components & Circuitry
Internally, the device consists of four main functional blocks:
1. **Input Transformer:** Steps down the high AC current to a millivolt level while providing galvanic isolation.
2. **Rectifier/Filter Circuit:** Converts the AC waveform into a smooth DC voltage. Since the M2AC is usually an **Average Sensing** device, it is calibrated to the RMS value of a sine wave.
3. **Isolation Barrier:** Uses an optical or magnetic isolator to prevent high voltage surges on the input side from damaging the output side (PLC/Controller).
4. **Output Amplifier:** Scales the signal to the desired industrial range (e.g., 4-20mA).
---
## 4. Wiring and Installation
The unit uses a **8-pin or 11-pin circular plug-in base**, allowing for easy replacement without disconnecting wires from the terminal block.
### Typical Terminal Layout
| Terminal No. | Function |
|:--- |:--- |
| 1 & 8 | AC Input (from Current Transformer) |
| 4 (+) & 5 (-) | DC Output |
| 2 & 3 | Power Supply |
---
## 5. Technical Safety Features
* **Dielectric Strength:** 2000V AC @ 1 minute (Input to output to power to ground).
* **Insulation Resistance:** 100 MΩ or more with 500V DC.
* **Housing Material:** Flame-resistant resin (Black).
- ⤷
What is the difference between an average-sensing and a true-RMS transducer?
- ⤷ How do I calibrate the Zero and Span on this specific module?
- ⤷ Can this module be used with a 50Hz and 60Hz frequency interchangeably?