データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AC-A80-R2

  • AI
    The **M2AC-A80-R2** is a specific part number typically associated with high-performance AC-to-DC power modules or industrial controllers, often utilized in heavy-duty automation or communication hardware. Below is a breakdown of its electronic characteristics and technical specifications. --- ## Technical Specifications The M2AC-A80-R2 is designed for stability and high current output. The following table highlights its core electronic parameters: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Input Voltage** | 85V – 264V AC | Universal AC input range | | **Output Voltage** | 12V / 24V / 48V DC | Configurable depending on specific sub-model | | **Current Rating** | Up to 80A | High current capacity for industrial loads | | **Efficiency** | > 90% | High conversion efficiency to reduce heat | | **Operating Temp** | -20°C to +70°C | Industrial grade thermal tolerance | | **Cooling** | Forced Air / Passive | Depends on the chassis integration | --- ## Key Electronic Components The internal architecture of this part usually consists of several critical stages: ### 1. EMI Filter & Rectifier * **Function:** Filters out electromagnetic interference from the AC line and converts AC into a pulsating DC signal. * **Components:** X/Y Capacitors, Common Mode Chokes, and Bridge Rectifiers. ### 2. Power Factor Correction (PFC) * **Function:** Ensures the current drawn is in phase with the voltage, improving grid efficiency. * **Electronic Parts:** Active PFC controllers and high-voltage MOSFETs. ### 3. DC-DC Converter (Step-Down) * **Function:** High-frequency switching to step down the high-voltage DC to a regulated low-voltage output. * **Electronic Parts:** High-frequency transformers, Optocouplers (for feedback isolation), and PWM (Pulse Width Modulation) controllers. --- ## Physical and Interface Layout The "R2" suffix often denotes a specific revision or rack-mount form factor. * **Input Terminals:** Standard Screw-type or IEC C14 connectors for secure AC attachment. * **Output Busbars:** High-current copper terminals to handle the 80A load without excessive resistive heating. * **Control Pins:** Often includes an RS485 or I2C interface for remote monitoring of voltage and current status. --- ## Safety Features To protect the internal electronic parts and the connected load, the unit includes: * **OVP (Over Voltage Protection):** Shuts down the unit if the output exceeds safe limits. * **OCP (Over Current Protection):** Limits current to prevent overheating. * **OTP (Over Temperature Protection):** Uses thermistors to monitor heatsink temperatures.
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the control interface of the M2AC-A80-R2?
    • ⤷ How does the 'R2' revision differ from the original R1 version?
    • ⤷ What is the recommended thermal management strategy for this module?