データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AC-A81-R/CE

  • AI
    The **M2AC-A81-R/CE** is a high-performance, single-phase AC input brush-type DC motor speed controller, typically manufactured by **Oriental Motor**. It is designed for precise speed control of small-wattage DC motors. --- ## 1. Technical Specifications The core electronic characteristics are summarized in the table below: | Feature | Specification | | :--- | :--- | | **Input Voltage** | Single-Phase 100 - 115 VAC | | **Input Frequency** | 50/60 Hz | | **Output Voltage** | 0 to 90 VDC (Variable) | | **Output Current** | Approx. 1.0A to 1.5A (Continuous) | | **Speed Control Range** | 90 to 2400 r/min (depending on motor) | | **Braking Method** | Electronic Brake (Instantaneous stop) | | **Connection Type** | Lead wire / Terminal Block | --- ## 2. Key Electronic Components & Functions ### A. Power Conversion Stage (Rectification) The unit contains a bridge rectifier and filtering capacitors. Since the input is AC and the motor is DC, these components convert the 110V AC sine wave into a pulsating DC signal, which is then smoothed for the motor armature. ### B. Speed Regulation (SCR/PWM) The "A81" series typically utilizes a **Phase Control** method using **SCRs (Silicon Controlled Rectifiers)** or **Triacs**. * By adjusting the "firing angle" of the SCR, the controller limits the amount of voltage reaching the motor. * This allows the user to turn a potentiometer (speed pot) to vary the motor RPM from near zero to maximum rated speed. ### C. Feedback Circuitry To maintain constant speed under varying loads, the controller monitors the **Back EMF (Electromotive Force)** generated by the motor. * If the motor slows down due to a heavy load, the circuit detects a drop in Back EMF. * The controller automatically increases the output voltage to compensate and bring the speed back to the set point. ### D. The Electronic Brake (The "-R" Suffix) The **-R** in the model name indicates the inclusion of a specialized braking circuit. * **Instantaneous Stop:** When the stop signal is triggered, the controller electronically shorts the motor's armature through a power resistor. * **Function:** This creates a counter-magnetic field that stops the motor much faster than natural coasting. --- ## 3. Terminal Interface The electronic interface usually consists of the following pin-outs: 1. **L / N:** AC Power Input. 2. **A+ / A-:** Armature output to the DC Motor. 3. **Speed Potentiometer Terminals:** Usually three pins for a 20kΩ or 30kΩ variable resistor. 4. **Control Inputs:** Terminals for "Run/Stop" and "Forward/Reverse" switching (dry contact). --- ## 4. Safety & Compliance (CE) The **CE** suffix confirms the electronic assembly meets European safety and electromagnetic compatibility (EMC) standards. This includes: * **Internal Fusing:** Protection against over-current. * **Noise Filtering:** Reduction of electromagnetic interference (EMI) sent back into the power line.
    ✨ Follow-up Questions
    • ⤷ What are the compatible motor models for the M2AC-A81-R/CE?
    • ⤷ How do I wire a potentiometer to this specific controller?
    • ⤷ Does this controller support torque limiting or only speed control?