データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AC-AA2-R2/CE

  • AI
    The **M2AC-AA2-R2/CE** is a high-precision, plug-in type signal conditioner (transducer) manufactured by **M-System**. It is specifically designed to convert an AC current input into a proportional standard DC output signal. --- ## 1. Technical Specifications The "R2" designation in the model number typically indicates a specific power requirement and versioning within the M2 series. | Feature | Specification Details | | :--- | :--- | | **Input Signal** | AC Current (e.g., 0–1A AC or 0–5A AC) | | **Output Signal** | DC Current or Voltage (e.g., 4–20mA, 0–10V) | | **Power Input** | 100 – 240V AC (or 24V DC depending on sub-suffix) | | **Accuracy** | ±0.3% of span | | **Response Time** | ≤ 0.5 seconds (0 to 90%) | | **Isolation** | 3-Way Isolation (Input to Output to Power) | | **Housing** | Plug-in style for DIN rail or surface mounting | --- ## 2. Core Electronic Components & Functions To understand how the M2AC-AA2-R2 operates, we can break it down into four primary electronic stages: ### A. Input Stage (AC Sensing) * **Current Transformer (CT):** The device contains an internal micro-CT to step down the high AC current and provide initial galvanic isolation. * **Rectifier Circuit:** Converts the AC waveform into a pulsating DC signal. * **Filter/Smoothing:** Eliminates ripples to provide a stable average or RMS-equivalent DC voltage for processing. ### B. Signal Processing * **Operational Amplifiers (Op-Amps):** Used for gain adjustment (Span) and offset adjustment (Zero). * **Precision Resistors:** Ensure low thermal drift and high linearity across the operating temperature range. ### C. Isolation Barrier * **Optocouplers/Transformer Isolation:** The M2 series is known for robust 3-way isolation. This prevents ground loops and protects sensitive PLC/DCS equipment from high-voltage surges on the input or power lines. ### D. Output Driver * **Current Loop Controller:** If configured for 4-20mA, it uses a transistor-based driver to maintain a constant current regardless of the load resistance (up to a specific limit, usually 750Ω). --- ## 3. Wiring Configuration The unit uses a standard base socket (typically 8-pin or 11-pin depending on the specific M2 series base). | Terminal Type | Description | | :--- | :--- | | **Input (AC)** | Connected to a Current Transformer (CT) secondary. | | **Output (DC)** | Connected to a PLC, Controller, or Indicator. | | **Power Supply** | Connects to the main AC or DC power source. | --- ## 4. Key Certifications * **CE Marking:** Confirms the device meets European health, safety, and environmental protection standards. * **RoHS Compliant:** Free from hazardous substances like lead and mercury.
    ✨ Follow-up Questions
    • ⤷ What are the specific zero and span adjustment procedures for this model?
    • ⤷ Can this transducer handle distorted AC waveforms (Harmonics)?
    • ⤷ What is the maximum allowable load resistance for the 4-20mA output?