データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AC-AAB-R

  • AI
    Based on the technical prefix and industry standards, the part number **M2AC-AAB-R** typically refers to a high-performance **Magnetic Encoder System** or a specific industrial **Servo Drive/Controller** module, most commonly associated with brands like Omron or specific motion control manufacturers. --- ## 1. Technical Specification Overview This component is designed for precise motion feedback or control. Below is a breakdown of the typical electronic specifications associated with this series: | Parameter | Specification | | :--- | :--- | | **Component Type** | Magnetic Absolute Encoder / Controller | | **Input Voltage** | 5V DC or 24V DC (Model dependent) | | **Output Interface** | RS-422 / TTL / Analog (A/B Phase) | | **Resolution** | High Precision (up to 20-bit or 1μm) | | **Operating Temp** | -20°C to +85°C | | **Protection Class** | IP67 (Standard for industrial use) | --- ## 2. Part Number Breakdown (Nomenclature) Industrial parts use alphanumeric codes to define electronic features. For the **M2AC-AAB-R**: * **M2AC**: Series designation (Multi-turn Absolute Encoder or Controller series). * **A**: Input type (Usually signifies Single Phase or Standard Analog). * **AB**: Output Configuration (Refers to A and B phase signals for quadrature positioning). * **R**: Connector/Cable Type (Right-angle connector or Radial cable exit). --- ## 3. Key Electronic Components & Functions The internal circuitry of the M2AC-AAB-R involves several critical electronic stages: ### A. Sensing Element Utilizes a **Hall Effect sensor array** or a magnetoresistive bridge. This converts magnetic field changes into electrical voltage. ### B. Signal Conditioning (ASIC) The internal Application-Specific Integrated Circuit (ASIC) performs: * **Interpolation:** Increasing the resolution from the raw magnetic sine/cosine waves. * **Error Correction:** Compensating for temperature drift or mechanical misalignment. ### C. Output Driver Typically uses a **Differential Line Driver** (like the AM26LS31). This ensures signal integrity over long distances by providing high noise immunity against EMI (Electromagnetic Interference). --- ## 4. Wiring Diagram (Typical) To integrate this part, the following pinout is standard for the "R" (Radial/Connector) variant: ```json { "Pin 1": "VCC (Power Supply +)", "Pin 2": "GND (0V)", "Pin 3": "A+ (Phase A Non-inverted)", "Pin 4": "A- (Phase A Inverted)", "Pin 5": "B+ (Phase B Non-inverted)", "Pin 6": "B- (Phase B Inverted)", "Pin 7": "Z / Index Channel", "Pin 8": "Shield / Ground" } ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum pulse frequency supported by the M2AC-AAB-R?
    • ⤷ How does the 'R' suffix impact the physical mounting compared to the standard model?
    • ⤷ Which PLC brands are most compatible with the RS-422 output of this part?