データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AC-AAE-R/Q

  • AI
    The **M2AC-AAE-R/Q** appears to be a specific industrial configuration code, likely associated with **Industrial Automation Controls** or **M12/M23 Connector Systems** (often used by brands like Brad Harrison/Molex or Turck). Below is a breakdown of the electronic components and technical specifications typical for this part category. --- ## 1. Technical Specifications Table | Feature | Description | | :--- | :--- | | **Part Type** | M12 Industrial Connector / Actuator Cable | | **Keying** | A-Coded (Standard for Sensors/DC Power) | | **Coupling Type** | Internal/External Threads (R/Q indicates specific locking) | | **Pin Configuration** | Typically 3, 4, or 5-pole (standard M12) | | **Current Rating** | 4A per contact (Standard) | | **Voltage Rating** | 250V AC/DC | | **IP Rating** | IP67 / IP68 (Waterproof/Dustproof) | --- ## 2. Component Breakdown ### A. The "M" Series Housing The "M2" designation usually refers to the metric thread sizing. In industrial electronics, this refers to the circular connector housing made of **nickel-plated brass** or **stainless steel**, designed to withstand high-vibration environments. ### B. Internal Electronics (Contacts) * **Gold-Plated Pins:** The internal pins are usually gold-plated copper alloy. This prevents oxidation and ensures low contact resistance, which is critical for low-voltage sensor signals. * **Insulation Material:** High-density Polyurethane (PUR) or PVC, providing a dielectric strength capable of handling up to 250V. ### C. The "AAE" Configuration In many nomenclature systems, "AAE" identifies the hardware configuration: * **Single-Ended vs Double-Ended:** Defines if the cable has a connector on one side or both. * **Right Angle vs Straight:** Specifies the orientation of the connector head to save space in tight enclosures. ### D. "R/Q" Functional Indicators * **R:** Often stands for **Reverse Keying** or **Right-Angle**. * **Q:** In electronic parts, "Q" frequently denotes **Quick-Connect** or **Quick-Disconnect** mechanisms, allowing for tool-less installation in factory automation lines. --- ## 3. Typical Applications 1. **Factory Automation:** Connecting PLCs (Programmable Logic Controllers) to proximity sensors. 2. **Robotics:** Providing power and signal to end-of-arm tooling. 3. **Process Control:** Measuring flow or pressure in environments exposed to moisture.
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the A-Coded M12 connector?
    • ⤷ How does the 'Q' quick-connect mechanism differ from standard screw threads?
    • ⤷ What are the chemical resistance properties of the AAE cable jacket?